Electronic Components Datasheet Search
  English  ▼

X  

LTC1164ACSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1164ACSW
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164ACSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1164ACSW Datasheet HTML 6Page - Linear Technology LTC1164ACSW Datasheet HTML 7Page - Linear Technology LTC1164ACSW Datasheet HTML 8Page - Linear Technology LTC1164ACSW Datasheet HTML 9Page - Linear Technology LTC1164ACSW Datasheet HTML 10Page - Linear Technology LTC1164ACSW Datasheet HTML 11Page - Linear Technology LTC1164ACSW Datasheet HTML 12Page - Linear Technology LTC1164ACSW Datasheet HTML 13Page - Linear Technology LTC1164ACSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC1164
10
1164fa
Mode 3
Mode 3 is the second of the primary modes. In Mode 3, the
ratio of the external clock frequency to the center
frequency of each 2nd order section can be adjusted above
or below 50:1 or 100:1. Side D of the LTC1164 can only be
connected in Mode 3. Figure 7 illustrates Mode 3, the
classical state variable configuration, providing highpass,
bandpass, and lowpass 2nd order filter functions. Mode 3
is slower than Mode 1. Mode 3 can be used to make high
order all-pole bandpass, lowpass, highpass and notch
filters.
When the internal clock-to-center frequency ratio is set at
50:1, the design equations for Q and bandpass gain are
different from the 100:1 case. This was done to provide
speed without penalizing the noise performance.
SECONDARY MODES
Mode 1b
Mode 1b is derived from Mode 1. In Mode 1b, Figure 8, two
additional resistors R5 and R6, are added to alternate the
amount of voltage feedback from the lowpass output into
the input of the SA (or SB or SC) switched capacitor
summer. This allows the filter clock-to-center frequency
ratio to be adjusted beyond 50:1 or 100:1. Mode 1b
maintains the speed advantages of Mode 1.
Mode 2
Mode 2 is a combination of Mode 1 and Mode 3, as shown
in Figure 9. With Mode 2, the clock-to-center frequency
ratio, fCLK/fO, is always less than 50:1 or 100:1. The
advantage of Mode 2 is that it provides less sensitivity to
resistor tolerances than does Mode 3. As in Mode 1,
Mode 2 has a notch output which depends on the clock
frequency, and the notch frequency is therefore less than
the center frequency, fO.
When the internal clock-to-center frequency ratio is set at
50:1, the design equations for Q and bandpass gain are
different from the 100:1 case.
Figure 8. Mode 1b: 2nd Order Filter Providing Notch,
Bandpass, Lowpass
Figure 7. Mode 3: 2nd Order Filter Providing Highpass,
Bandpass, Lowpass
LTC1164 • MOO02
R3
R4
R2
HP
S
BP
LP
R1
AGND
R2/R1;
1/4 LTC1164
fo =
; Q =
; HOHP = –
R3/R1;
HOBP = –
HOBP = –
MODE 3 (100:1):
R4/R1
HOLP = –
R4/R1
; HOLP = –
R2/R1;
HOLP = –
fCLK
100
–
+
+
–
Σ
∫
∫
VIN
CC
R3
R2
R2
R4
fo =
; Q =
MODE 3 (50:1):
; THEN CALCULATE R1 TO SET
THE DESIRED GAIN
R3 =
R2
NOTE: THE 50:1 EQUATIONS FOR MODE 3 ARE DIFFERENT FROM THE EQUATIONS
FOR MODE 3 OPERATION OF THE LTC1059, LTC1060 AND LTC1061. START WITH
fo, CALCULATE R2/R4, SET R4; FROM THE Q VALUE, CALCULATE R3:
fCLK
50
R2
R4
R2
R4
R3/R1
1 – (R3/16R4)
1.005 (√R2/R4)
(R2/R3) – (R2/16R4);
+
1.005
Q
R2
R4
R2
16R4
LTC1164 • MOO03
R3
R6
R5
R2
NS
BP
LP
R1
AGND
fo =
; Q =
= –
;
; (R5//R6) < 5k
Ω
HON1 (f → 0) = HON2 f →
HOBP = –
; HOLP =;
fCLK
100(50)
–
+
+
–
Σ
∫
∫
VIN
fCLK
2
R3
R2
R3
R1
R2
R1
; fn = fo
R6
R5 + R6
– R2/R1
R6/(R5 + R6)
R6
R5 + R6
()
ODES OF OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com