Electronic Components Datasheet Search
  English  ▼

X  

LTC1164ACSW Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1164ACSW
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164ACSW Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1164ACSW Datasheet HTML 8Page - Linear Technology LTC1164ACSW Datasheet HTML 9Page - Linear Technology LTC1164ACSW Datasheet HTML 10Page - Linear Technology LTC1164ACSW Datasheet HTML 11Page - Linear Technology LTC1164ACSW Datasheet HTML 12Page - Linear Technology LTC1164ACSW Datasheet HTML 13Page - Linear Technology LTC1164ACSW Datasheet HTML 14Page - Linear Technology LTC1164ACSW Datasheet HTML 15Page - Linear Technology LTC1164ACSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LTC1164
15
1164fa
J Package
24-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
OBSOLETE PACKAGE
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 15. LTC1164 9th Order Lowpass Elliptic, Fixed fCUTOFF = 4kHz,
fCLK = 400kHz, –74dB at 5kHz, Passband Noise = 210µVRMS ±5V
LTC1164 • AC08
124
223
322
421
520
619
0.1µF
0.1µF
82.5k
30.1k
71.5k
44.2k
121k
75k
28.7k
301k
28.7k
124k
68.1k
30.9k
124k
31.1k
40.2k
30.9k
24.3k
30.1k
38.3k
57.6k
118k
ALL RESISTORS MF 1%
0.1µF
7
18
817
916
10
15
11
14
12
13
R2
R2
R4
R4
V+
V+
V+
C
RG = 80.6k
C = 0.001µF
V–
VIN
RL
R3
R3
R3
R2
RH
RH
RL
RH
RL
RL
RG
RL
RH
RH
R4
R3
R1
R2
R4
R3
R1
R2
R4
VOUT
fCLK
0.1µF
+
–
LT1006
B
B
A
A
D
D
C
C
LTC1164
V–
Figure 16. LTC1164 9th Order Lowpass
Elliptic, fCUTOFF = 4kHz
LTC1164 • AC07
FREQUENCY (Hz)
1k
–90.00
–70.00
–40.00
10.00
10k
20k
–10.00
–80.00
–60.00
–50.00
–30.00
0.0
–20.00
fCLK = 400kHz
VS = ±7.5V
fC = 4kHz
100:1
–74dB AT 1.25 fCUTOFF
J24 0801
.015 – .060
(0.381 – 1.524)
.125
(3.175)
MIN
.014 – .026
(0.360 – 0.660)
.100
(2.54)
BSC
.200
(5.080)
MAX
.045 – .065
(1.143 – 1.651)
.008 – .018
(0.203 – 0.457)
20
16
15
17
14
13
19
11
3
7
56
10
9
12
1
4
2
8
18
.220 – .310
(5.588 – 7.874)
1.290
(32.77)
MAX
21
22
23
24
.025
(0.635)
RAD TYP
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
0° – 15°
.300 BSC
(7.62 BSC)
.005
(0.127)
MIN
TYPICAL APPLICATIO S
PACKAGE DESCRIPTIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com