Electronic Components Datasheet Search
  English  ▼

X  

LTC1164ACSW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1164ACSW
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164ACSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1164ACSW Datasheet HTML 8Page - Linear Technology LTC1164ACSW Datasheet HTML 9Page - Linear Technology LTC1164ACSW Datasheet HTML 10Page - Linear Technology LTC1164ACSW Datasheet HTML 11Page - Linear Technology LTC1164ACSW Datasheet HTML 12Page - Linear Technology LTC1164ACSW Datasheet HTML 13Page - Linear Technology LTC1164ACSW Datasheet HTML 14Page - Linear Technology LTC1164ACSW Datasheet HTML 15Page - Linear Technology LTC1164ACSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC1164
14
1164fa
Figure 14. LTC1164 8th Order Lowpass
Elliptic, fCUTOFF = 5kHz
LTC1164 • AC07
FREQUENCY (Hz)
1k
–90.00
–70.00
–40.00
10.00
10k
50k
–10.00
–80.00
–60.00
–50.00
–30.00
0.0
–20.00
fCLK = 250kHz
VS = ±7.5V
fC = 5kHz, 100:1
–78dB AT 2.0 fCUTOFF
Figure 13. LTC1164 8th Order Lowpass Elliptic, fCUTOFF = 5kHz, fCLK = 250kHz, –78dB at 10kHz,
Passband Noise = 110µVRMS ±5V (Also Refer to the LTC1164-6)
LTC1164 • AC06
124
223
322
421
520
619
0.1µF
0.1µF
48.7k
31.6k
40.2k
309k
63.4k
34.0k
127k
29.4k
158k
28.0k
31.6k
39.2k
30.1k
210k
27.4k
43.2k
31.6k
69.8k
ALL RESISTORS MF 1%
0.1µF
718
817
916
10
15
11
14
12
13
R2
R2
R4
R4
V+
V+
V+
V–
V–
VIN
1k
R3
R3
R3
R2
RH
RH
RL
Rh
RI
RL
RL
RH
R4
R3
R1
R2
R4
R3
R1
R2
R4
VOUT
fCLK
0.1µF
–
+
LT1006
B
B
A
A
D
D
C
C
LTC1164
46.4k
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com