Electronic Components Datasheet Search
  English  ▼

X  

TDA1307 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1307
Description  High-performance bitstream digital filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1307 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1307 Datasheet HTML 4Page - NXP Semiconductors TDA1307 Datasheet HTML 5Page - NXP Semiconductors TDA1307 Datasheet HTML 6Page - NXP Semiconductors TDA1307 Datasheet HTML 7Page - NXP Semiconductors TDA1307 Datasheet HTML 8Page - NXP Semiconductors TDA1307 Datasheet HTML 9Page - NXP Semiconductors TDA1307 Datasheet HTML 10Page - NXP Semiconductors TDA1307 Datasheet HTML 11Page - NXP Semiconductors TDA1307 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1996 Jan 08
8
Philips Semiconductors
Preliminary specification
High-performance bitstream digital filter
TDA1307
Fig.4 External crystal oscillator circuit.
handbook, halfpage
MGB981
100
k
Ω
10
k
Ω
10
pF
1 nF
10
pF
3.3
µH
33.8688
MHz
XTAL2
23
22
24
25
XTAL1
VDDOSC
VSSOSC
TDA1307
+5 V
Fig.5 External clock input connections.
handbook, halfpage
MGB982
100 k
Ω
10 nF
30
pF
20 pF
XTAL2
23
22
24
25
XTAL1
VDDOSC
VSSOSC
TDA1307
+5 V
fi = 256fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com