Electronic Components Datasheet Search
  English  ▼

X  

TDA1307 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA1307
Description  High-performance bitstream digital filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1307 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA1307 Datasheet HTML 14Page - NXP Semiconductors TDA1307 Datasheet HTML 15Page - NXP Semiconductors TDA1307 Datasheet HTML 16Page - NXP Semiconductors TDA1307 Datasheet HTML 17Page - NXP Semiconductors TDA1307 Datasheet HTML 18Page - NXP Semiconductors TDA1307 Datasheet HTML 19Page - NXP Semiconductors TDA1307 Datasheet HTML 20Page - NXP Semiconductors TDA1307 Datasheet HTML 21Page - NXP Semiconductors TDA1307 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
1996 Jan 08
18
Philips Semiconductors
Preliminary specification
High-performance bitstream digital filter
TDA1307
content of the source audio data may render the DC dither
potentially ineffective.
In applications where the DC content of the audio
information may be expected, application of the selectable
DC filter may be opted for. It is implemented as a first-order
high-pass filter with a corner frequency of 2 Hz. Control of
the DC filter is achieved by accessing the appropriate bits
DCEN (DC filter enable) and DCSH (DC filter sample or
hold) in the microprocessor register file. The principle of
operation is illustrated in Fig.12. The output of the DC filter,
referred to in the diagram as ‘audio output’ always equals
the audio input subtracted by the output of the low-pass
branch. Depending on the control bit DCSH, this
subtraction value is either the last value held constant or
a value continuously adapting to incoming DC content.
The DC filter is effectively switched on or off via control bit
DCEN, which selects the input of the low-pass section
either to be the audio input data (the output of the low-pass
section will settle to the low frequency content of the audio
data so that the filter is on) or a preset value of zero
(low-pass output will settle to zero meaning ‘filter off’).
The constant mode is implemented to provide a mode in
which a stable subtraction value is guaranteed; in this
mode however the high-pass function is inhibited so there
is no adaptation to changes in the DC content of the
incoming source information.
Peak detection
The TDA1307 provides a convenient way to monitor the
peak value of the audio data, for left and right channels
individually, by way of read-out via the microprocessor
interface. Peak value monitoring has its applications
mainly in digital volume unit measurement and display,
and in automatic recording level control. The peak level
measurement of the TDA1307 occurs with a resolution of
16-bit, providing a dynamic range amply suitable for all
practical applications.
The output of the peak detection block is a register of two
16-bit words, one for each channel, representing the
absolute value of the accumulated peak value, accessible
via the microprocessor interface. The peak detection block
continuously monitors the audio information arriving from
the DC-cancelling filter, comparing its absolute value to
the value currently stored in the peak register. Any new
value greater than the currently held peak value will cause
the register to assume the new, greater value. Upon a
peak request (for which the protocol is described in section
“Peak data output protocol”), the contents of the peak
register are transferred to the microprocessor interface.
After a read action, the peak register will be reset, and the
collection of new peak data started.
The peak detection block receives data that has been
processed by the first half-band stage of the oversampling
interpolating digital filter (in the 2fs domain, but the peak
detection ‘samples’ at 1fs for efficiency). This means that
the scaling applied in this first half-band stage is noticeable
in the measured peak value. The frequency-independent
attenuation factor of the first half-band filter equals
0.175 dB - this results in a possible range for the output
peak value of 0 to 32114. When the audio signal may be
expected to carry DC content, use of the DC cancelling
filter of TDA1307 is recommended, to ensure correct and
accurate peak detection.
Fig.12 Schematic diagram of the DC filter.
handbook, full pagewidth
MGB994
LPF
fo = 2 Hz
DCEN = 1
DCEN = 0
DCSH = 0
T
DCSH = 1
audio output
to peak
detection block
audio input
zero
from first
half-band stage
+ +
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com