| Electronic Components Datasheet Search |
|
TDA1307 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA1307 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 36 page ![]() 1996 Jan 08 13 Philips Semiconductors Preliminary specification High-performance bitstream digital filter TDA1307 Fig.8 Peak data output protocol. handbook, full pagewidth MGB996 tDWR tDSP tDHP Q1 1 Q2 Q3 Q31 Q32 Q1 Q2 Q3 Q31 Q32 RAB READ PEAK DATA DA ( µP) DA (TDA1307) DA CL Multiple format input interface Data input to the TDA1307 is accepted in four possible formats, I2S (with word lengths of up to 20 bits), and Sony formats of word lengths 16, 18 and 20-bit. The general appearance of the allowed formats is given in Fig.9. The selection of a format is achieved through programming of the appropriate bits in the microprocessor register file. Characteristic timing for the input interface is given in the diagram of Fig.10. SYNCHRONIZATION For correct data input to reach the central controller of TDA1307, synchronization needs to be achieved to the incoming 1fs I2S or Sony format input signals. The incoming WS signal is sampled to detect whether its phase transitions occur at the correct synchronous timing instants. This sampling occurs at the TDA1307 internal clock rate, 256fs. After one phase transition of WS, the next is expected after a fixed delay, otherwise the condition is regarded as out-of-lock and a reset is performed, this operation is repeated until synchronization is achieved. To allow for slight disturbances causing unnecessary frequent resets, the critical WS transitions are expected within a tolerance window ( −4 to +4 periods of the 256fs internal sampling clock instants). The reset action is flagged on the RESYNC (pin 19) output, which may be optionally used for muting or related purposes. RESYNC becomes HIGH the instant a reset is initiated, and remains in that state for at least one sample period (1/fs). ERROR FLAG INPUT EFAB The error flag input EFAB (pin 4) is intended as request line from the system decoder to the digital filter to indicate erroneous audio samples requiring concealment. A detected HIGH on input EFAB will be relayed by the input interface block to the error concealment block, where the samples flagged as erroneous will be processed accordingly. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |