Electronic Components Datasheet Search
  English  ▼

X  

LTC1408 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1408
Description  Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1408 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1408 Datasheet HTML 10Page - Linear Technology LTC1408 Datasheet HTML 11Page - Linear Technology LTC1408 Datasheet HTML 12Page - Linear Technology LTC1408 Datasheet HTML 13Page - Linear Technology LTC1408 Datasheet HTML 14Page - Linear Technology LTC1408 Datasheet HTML 15Page - Linear Technology LTC1408 Datasheet HTML 16Page - Linear Technology LTC1408 Datasheet HTML 17Page - Linear Technology LTC1408 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1408
1408fa
APPLICATIO S I FOR ATIO
INPUT FILTERING AND SOURCE IMPEDANCE
The noise and the distortion of the input amplifier and
other circuitry must be considered since they will add to
the LTC1408 noise and distortion. The small-signal band-
width of the sample-and-hold circuit is 50MHz. Any noise
or distortion products that are present at the analog inputs
will be summed over this entire bandwidth. Noisy input
circuitry should be filtered prior to the analog inputs to
minimize noise. A simple 1-pole RC filter is sufficient for
many applications. For example, Figure 1 shows a 47pF
capacitor from CHO+ to ground and a 51
Ω source resistor
to limit the net input bandwidth to 30MHz. The 47pF ca-
pacitor also acts as a charge reservoir for the input sample-
and-hold and isolates the ADC input from sampling-glitch
sensitive circuitry. High quality capacitors and resistors
should be used since these components can add distor-
tion. NPO and silvermica type dielectric capacitors have
excellent linearity. Carbon surface mount resistors can
generate distortion from self heating and from damage
that may occur during soldering. Metal film surface mount
resistors are much less susceptible to both problems.
When high amplitude unwanted signals are close in
frequency to the desired signal frequency a multiple pole
filter is required.
High external source resistance, combined with 13pF of
input capacitance, will reduce the rated 50MHz input band-
width and increase acquisition time beyond 39ns.
INPUT RANGE
The analog inputs of the LTC1408 may be driven fully
differentially with a single supply. Either input may swing
up to VCC, provided the differential swing is no greater than
2.5V with BIP (Pin 29) Low, or
±1.25V with (BIP Pin 29)
High. The 0V to 2.5V range is also ideally suited for single-
ended input use with single supply applications. The
common mode range of the inputs extend from ground to
the supply voltage VCC. If the difference between the CH+
and CH– at any input pair exceeds 2.5V (unipolar) or 1.25V
(bipolar), the output code will stay fixed at positive full-
scale, and if this difference goes below 0V (unipolar) or –
1.25V (bipolar), the output code will stay fixed at negative
full-scale.
INTERNAL REFERENCE
The LTC1408 has an on-chip, temperature compensated,
bandgap reference that is factory trimmed near 2.5V to
obtain a precise 2.5V input span. The reference amplifier
output VREF, (Pin 23) must be bypassed with a capacitor
to ground. The reference amplifier is stable with capaci-
tors of 1
µF or greater. For the best noise performance, a
10
µF ceramic or a 10µF tantalum in parallel with a 0.1µF
ceramic is recommended. The VREF pin can be overdriven
with an external reference as shown in Figure 2. The volt-
age of the external reference must be higher than the 2.5V
of the open-drain P-channel output of the internal refer-
ence. The recommended range for an external reference
is 2.55V to VDD. An external reference at 2.55V will see a
DC quiescent load of 0.75mA and as much as 3mA
Figure 1. RC Input Filter
LTC1408
CH0+
CH0–
VREF
GND
1408 F01
1
2
11
3
10
µF
47pF*
51
Ω*
CH1+
CH1–
4
5
47pF*
*TIGHT TOLERANCE REQUIRED TO AVOID
APERTURE SKEW DEGRADATION
51
Ω*
ANALOG
INPUT
ANALOG
INPUT
Figure 2. External Reference
LTC1408
VREF
GND
1408 F02
23
22
10
µF
3V REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com