Electronic Components Datasheet Search
  English  ▼

X  

LTC1408 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1408
Description  Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1408 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1408 Datasheet HTML 2Page - Linear Technology LTC1408 Datasheet HTML 3Page - Linear Technology LTC1408 Datasheet HTML 4Page - Linear Technology LTC1408 Datasheet HTML 5Page - Linear Technology LTC1408 Datasheet HTML 6Page - Linear Technology LTC1408 Datasheet HTML 7Page - Linear Technology LTC1408 Datasheet HTML 8Page - Linear Technology LTC1408 Datasheet HTML 9Page - Linear Technology LTC1408 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1408
1408fa
610kHz Unipolar Single Ended
Input Sine Wave 4096 Point FFT,
625ksps
833kHz into CH0 +, 841kHz into
CH0 –, 588ksps Bipolar Mode
4096 Point FFT
Full Scale Signal Response
Integral LinearIty End Point Fit
Differential Linearity for CH0 with
Internal 2.5V Reference,
Unipolar Mode
Integral Linearity End Point Fit for
CH0 with Internal 2.5V
Reference, Unipolar Mode
VDD = 3V, TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY(kHz)
0
–120
–80
–90
–100
–110
–40
–60
–70
–50
0
–10
–20
–30
62.5
188
125
1408 G10
250
313
FREQUENCY(kHz)
0
–120
–80
–90
–100
–110
–40
–60
–70
–50
0
–10
–20
–30
50
150
100
1408 G11
200
250
300
1408 G12
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
–0.6
0.6
0.8
0.2
12288
16384
OUTPUT CODE
0
–4.0
–3.2
–1.6
–0.8
0
4.0
1.6
4096
8192
1408 G13
–2.4
2.4
3.2
0.8
12288
16384
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
1408 G14
–0.6
0.6
0.8
0.2
12288
16384
Differential Linearity for CH0 with
Internal 2.5V Reference,
Differential Input in Bipolar Mode
OUTPUT CODE
0
–4.0
–3.2
–1.6
–0.8
0
4.0
1.6
4096
8192
1408 G15
–2.4
2.4
3.2
0.8
12288
16384
FREQUENCY (MHz)
–24
–27
–21
–12
–15
–18
–9
–6
–3
0
3
100
1000
1408 G16
–30
10
1408 G20
FREQUENCY (Hz)
–100
–60
–20
–40
–80
0
10k
100k
1M
10M 100M 1G
–120
100
1k
1408 G21
FREQUENCY (Hz)
–100
–60
–20
–40
–80
0
10k
100k
1M
10M 100M 1G
–120
100
1k
CROSSTALK vs Frequency
CMRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com