Electronic Components Datasheet Search
  English  ▼

X  

AD5676 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5676
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5676 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5676 Datasheet HTML 11Page - Analog Devices AD5676 Datasheet HTML 12Page - Analog Devices AD5676 Datasheet HTML 13Page - Analog Devices AD5676 Datasheet HTML 14Page - Analog Devices AD5676 Datasheet HTML 15Page - Analog Devices AD5676 Datasheet HTML 16Page - Analog Devices AD5676 Datasheet HTML 17Page - Analog Devices AD5676 Datasheet HTML 18Page - Analog Devices AD5676 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Data Sheet
AD5673R/AD5677R
Rev. 0 | Page 15 of 31
–40
–20
0
20
40
60
80
100
120
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
TEMPERATURE (°C)
FULL-SCALE ERROR
GAIN ERROR
VDD = 5V
INTERNAL REFERENCE = 2.5V
Figure 23. AD5677R Gain Error and Full-Scale Error vs. Temperature
0.05
–0.05
–0.03
0.03
–0.01
0.01
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 5V
INTERNAL REFERENCE = 2.5V
FULL-SCALE ERROR
GAIN ERROR
Figure 24. AD5673R Gain Error and Full-Scale Error vs. Temperature
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
SUPPLY VOLTAGE (V)
TA = 25°C
INTERNAL REFERENCE = 2.5V
GAIN ERROR
FULL-SCALE ERROR
Figure 25. AD5677R Gain Error and Full-Scale Error vs. Supply Voltage
0.05
–0.05
–0.03
0.03
–0.01
–0.04
–0.02
0.01
0
0.04
0.02
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
TA = 25°C
INTERNAL REFERENCE = 2.5V
FULL-SCALE ERROR
GAIN ERROR
Figure 26. AD5673R Gain Error and Full-Scale Error vs. Supply Voltage
TEMPERATURE (°C)
–0.6
–0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
–40
–20
0
20
40
60
80
100
120
ZERO CODE ERROR
OFFSET ERROR
VDD = 5V
INTERNAL REFERENCE = 2.5V
Figure 27. AD5677R Zero Code Error and Offset Error vs. Temperature
0
–0.6
–0.3
0.3
0.6
0.9
1.2
1.5
1.8
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 5V
INTERNAL REFERENCE = 2.5V
ZERO CODE ERROR
OFFSET ERROR
Figure 28. AD5673R Zero Code Error and Offset Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com