Electronic Components Datasheet Search
  English  ▼

X  

LTC3422 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3422
Description  1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3422 Datasheet(HTML) 1 Page - Linear Technology

  LTC3422 Datasheet HTML 1Page - Linear Technology LTC3422 Datasheet HTML 2Page - Linear Technology LTC3422 Datasheet HTML 3Page - Linear Technology LTC3422 Datasheet HTML 4Page - Linear Technology LTC3422 Datasheet HTML 5Page - Linear Technology LTC3422 Datasheet HTML 6Page - Linear Technology LTC3422 Datasheet HTML 7Page - Linear Technology LTC3422 Datasheet HTML 8Page - Linear Technology LTC3422 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3422
1
3422fa
■ Wireless Handsets
■ Handheld Computers
■
GPS Receivers
■ MP3 Players
■ 700mA Continuous/1A Pulsed Output Current
for Li-Ion to 5V Applications
■ Synchronous Rectification: Up to 96% Efficiency
■ True Output Disconnect
■ Inrush Current Limiting
■ Adjustable Automatic Burst Mode
® Operation
■ Low Noise, Fixed Frequency Operation from
100kHz to 3MHz
■ 0.5V to 4.5V Input Range
■ 2.25V to 5.25V Adjustable Output Voltage
■ Guaranteed 1V Start-Up
■ Programmable Soft-Start
■ Synchronizable Oscillator
■ Low Quiescent Current: 25
µA
■ <1
µA Shutdown Current
■ Anti-Ringing Control
■ Small (3mm
× 3mm × 0.75mm) Thermally Enhanced
10-Pin DFN Package
1.5A, 3MHz Synchronous
Step-Up DC/DC Converter
with Output Disconnect
2.4V to 3.3V Efficiency and Power Loss
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®3422 is a high efficiency, current mode, fixed
frequency, step-up DC/DC converter with true output
disconnect and inrush current limiting. The part is guaran-
teed to start up from an input voltage of 1V. The device
includes a 0.20
Ω N-channel MOSFET switch and a 0.24Ω
P-channel MOSFET synchronous rectifier. The output
voltage, switching frequency, soft-start time, Burst Mode
threshold and loop compensation are all simply pro-
grammed using tiny external passive components.
Quiescent current is only 25
µA during Burst Mode opera-
tion, maximizing battery life in portable applications. The
oscillator frequency can be programmed up to 3MHz and
can be synchronized to an external clock applied to the
SYNC pin.
Other features include 1
µAshutdown,short-circuitprotec-
tion, anti-ringing control, thermal shutdown and current
limit. The LTC3422 is available in a (3mm
×3mm×0.75mm)
10-pin DFN package.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
0.1
µF
1nF
OFF ON
15k
22
µF
4.7
µF
VIN
1.8V TO 3.2V
2 CELLS
+
2.2nF
28k
931k
VOUT
3.3V
600mA
549k
301k
3422 TA01a
SS
VC
BURST
SHDN
FB
SYNC
VOUT
RT
GND
VIN
LTC3422
4.7
µH
SW
22pF
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3422 TA01b
0
1000
10000
100
10
1
0
1
BURST
EFFICIENCY
PWM
EFFICIENCY
BURST
POWER
LOSSES
fOSC = 1MHz
PWM
POWER
LOSSES


Similar Part No. - LTC3422

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3422 LINER-LTC3422 Datasheet
269Kb / 16P
1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3422 LINER-LTC3422_15 Datasheet
269Kb / 16P
1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results

Similar Description - LTC3422

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
389Kb / 16P
1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3422 LINER-LTC3422_15 Datasheet
269Kb / 16P
1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458 LINER-LTC3458_15 Datasheet
318Kb / 16P
1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122_15 Datasheet
505Kb / 26P
15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com