Electronic Components Datasheet Search
  English  ▼

X  

LTC3422 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3422
Description  1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3422 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3422 Datasheet HTML 8Page - Linear Technology LTC3422 Datasheet HTML 9Page - Linear Technology LTC3422 Datasheet HTML 10Page - Linear Technology LTC3422 Datasheet HTML 11Page - Linear Technology LTC3422 Datasheet HTML 12Page - Linear Technology LTC3422 Datasheet HTML 13Page - Linear Technology LTC3422 Datasheet HTML 14Page - Linear Technology LTC3422 Datasheet HTML 15Page - Linear Technology LTC3422 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3422
16
3422fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT 0406 REV A PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC3400/LTC3400B
600mA (ISW), 1.2MHz, Synchronous Step-Up DC/DC
92% Efficiency, VIN: 0.85V to 5V, VOUT(MAX) = 5V, IQ = 19µA/300µA,
Converters
ISD < 1µA, ThinSOT
TM
LTC3401
1A (ISW), 3MHz, Synchronous Step-Up DC/DC Converter
97% Efficiency, VIN: 0.5V to 5V, VOUT(MAX) = 5.5V, IQ = 38µA,
ISD < 1µA, MS10
LTC3402
2A (ISW), 3MHz, Synchronous Step-Up DC/DC Converter
97% Efficiency, VIN: 0.5V to 5V, VOUT(MAX) = 5.5V, IQ = 38µA,
ISD < 1µA, MS10
LTC3421
3A (ISW), 3MHz, Synchronous Step-Up DC/DC Converter
95% Efficiency, VIN: 0.5V to 4.5V, VOUT(MAX) = 5.25V, IQ = 12µA,
with Output Disconnect
ISD < 1µA, QFN24
LTC3423/LTC3424
1A/2A (ISW), 3MHz, Synchronous Step-Up DC/DC
95% Efficiency, VIN: 0.5V to 5.5V, VOUT(MAX) = 5.5V, IQ = 38µA,
Converter
ISD < 1µA, MSOP10
LTC3425
5A (ISW), 8MHz, (Low Ripple), 4-Phase Synchronous
95% Efficiency, VIN: 0.5V to 4.5V, VOUT(MAX) = 5.25V, IQ = 12µA,
Step-Up DC/DC Converter with Output Disconnect
ISD < 1µA, QFN32
LTC3426
2A (ISW), 1.2MHz, Step-Up DC/DC Converter
92% Efficiency, VIN: 1.6V to 4.3V, VOUT(MAX) = 5V, ISD < 1µA, SOT-23
LTC3428
500mA (ISW), 1.25MHz/2.5MHz, Synchronous Step-Up
92% Efficiency, VIN: 1.8V to 5V, VOUT(MAX) = 5.25V, ISD < 1µA,
DC/DC Converter with Output Disconnect
2mm
× 2mm DFN
LTC3429
600mA (ISW), 500kHz, Synchronous Step-Up DC/DC
96% Efficiency, VIN: 0.5V to 4.4V, VOUT(MAX) = 5V, IQ = 20µA/300µA,
Converter with Output Disconnect and Soft-Start
ISD < 1µA, ThinSOT
LTC3525-3.3/
400mA (ISW), Synchronous Step-Up DC/DC
94% Efficiency, VIN: 0.8V to 4.5V, VOUT(MAX) = 5.25V, IQ = 7µA,
LTC3525-5
Converter in SC70 Package
ISD < 1µA, SC70
ThinSOT is a trademark of Linear Technology Corporation.
PACKAGE DESCRIPTIO
3.00
±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-2).
CHECK THE LTC WEBSITE DATA SHEET FOR CURRENT STATUS OF VARIATION ASSIGNMENT
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.38
± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65
± 0.10
(2 SIDES)
0.75
±0.05
R = 0.115
TYP
2.38
±0.10
(2 SIDES)
1
5
10
6
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DD10) DFN 1103
0.25
± 0.05
2.38
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65
±0.05
(2 SIDES)
2.15
±0.05
0.50
BSC
0.675
±0.05
3.50
±0.05
PACKAGE
OUTLINE
0.25
± 0.05
0.50 BSC
DD Package
10-Lead Plastic DFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1699)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com