Electronic Components Datasheet Search
  English  ▼

X  

LTC3422 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3422
Description  1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3422 Datasheet(HTML) 3 Page - Linear Technology

  LTC3422 Datasheet HTML 1Page - Linear Technology LTC3422 Datasheet HTML 2Page - Linear Technology LTC3422 Datasheet HTML 3Page - Linear Technology LTC3422 Datasheet HTML 4Page - Linear Technology LTC3422 Datasheet HTML 5Page - Linear Technology LTC3422 Datasheet HTML 6Page - Linear Technology LTC3422 Datasheet HTML 7Page - Linear Technology LTC3422 Datasheet HTML 8Page - Linear Technology LTC3422 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3422
3
3422fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliabilty and lifetime.
Note 2: The LTC3422E is guaranteed to meet performance specifications
from 0
°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Once VOUT is greater than 2.4V, the LTC3422 is not dependent on
the VIN supply.
Note 4: Current is measured into the VOUT pin since the supply current is
bootstrapped to the output. The current will reflect to the input supply by
(VOUT/VIN) • Efficiency. The outputs are not switching.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Input High
VOUT = 0V (Turn-On Threshold, Initial Start-Up)
1
V
VOUT > 2.4V (Stay-On Threshold)
0.65
V
SHDN Input Low
Turn-Off Threshold
0.25
V
SHDN Input Current
VSHDN = 3.3V
●
0.01
1
µA
Error Amp Transconductance
50
µS
Soft-Start Current Source
VSS = 1V
–5
–2.4
–1.2
µA
BURST Threshold Voltage
Falling Edge, Sensed at the BURST Pin
0.79
0.88
0.97
V
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, RT = 28k, unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com