Electronic Components Datasheet Search
  English  ▼

X  

LTC3718 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3718
Description  Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3718 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3718 Datasheet HTML 9Page - Linear Technology LTC3718 Datasheet HTML 10Page - Linear Technology LTC3718 Datasheet HTML 11Page - Linear Technology LTC3718 Datasheet HTML 12Page - Linear Technology LTC3718 Datasheet HTML 13Page - Linear Technology LTC3718 Datasheet HTML 14Page - Linear Technology LTC3718 Datasheet HTML 15Page - Linear Technology LTC3718 Datasheet HTML 16Page - Linear Technology LTC3718 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC3718
3718fa
APPLICATIO S I FOR ATIO
transients. The output ripple
∆VOUT is approximately
bounded by:
∆≤ ∆
+


V
I ESR
fC
OUT
L
OUT
1
8
Since
∆IL increases with input voltage, the output ripple is
highest at maximum input voltage. Typically, once the ESR
requirement is satisfied, the capacitance is adequate for
filtering and has the necessary RMS current rating.
Multiple capacitors placed in parallel may be needed to
meet the ESR and RMS current handling requirements.
Dry tantalum, special polymer, aluminum electrolytic and
ceramic capacitors are all available in surface mount
packages. Special polymer capacitors offer very low ESR
but have lower capacitance density than other types.
Tantalum capacitors have the highest capacitance density
but it is important to only use types that have been surge
tested for use in switching power supplies. Aluminum
electrolytic capacitors have significantly higher ESR, but
can be used in cost-sensitive applications providing that
consideration is given to ripple current ratings and long
term reliability. Ceramic capacitors have excellent low
ESR characteristics but can have a high voltage coeffi-
cient and audible piezoelectric effects. The high Q of
ceramic capacitors with trace inductance can also lead to
significant ringing. When used as input capacitors, care
must be taken to ensure that ringing from inrush currents
and switching does not pose an overvoltage hazard to the
power switches and controller. To dampen input voltage
transients, add a small 5
µF to 50µF aluminum electrolytic
capacitor with an ESR in the range of 0.5
Ω to 2Ω. High
performance through-hole capacitors may also be used,
but an additional ceramic capacitor in parallel is recom-
mended to reduce the effect of their lead inductance.
Top MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor CB connectedtotheBOOST
pin supplies the gate drive voltage for the topside MOSFET.
This capacitor is charged through diode DB from INTVCC
when the switch node is low. When the top MOSFET turns
on, the switch node rises to VIN and the BOOST pin rises
to approximately VIN + INTVCC. The boost capacitor needs
to store about 100 times the gate charge required by the
top MOSFET. In most applications a 0.1
µF to 0.47µF X5R
or X7R dielectric capacitor is adequate.
Fault Condition: Current Limit
The maximum inductor current is inherently limited in a
current mode controller by the maximum sense voltage. In
the LTC3718, the maximum sense voltage is controlled by
the voltage on the VRNG pin. With valley current control,
the maximum sense voltage and the sense resistance
determine the maximum allowed inductor valley current.
The corresponding output current limit is:
I
V
R
I
I
V
R
I
LIMITPOSITIVE
SNS MAX
DS ON
T
L
LIMITNEGATIVE
SNS MIN
DS ON
T
L
=+ ∆
=− ∆
()
()
()
()
ρ
ρ
1
2
1
2
The current limit value should be checked to ensure that
ILIMIT(MIN) > IOUT(MAX). The minimum value of current limit
generally occurs with the largest VIN at the highest ambi-
ent temperature, conditions that cause the largest power
loss in the converter. Note that it is important to check for
self-consistency between the assumed MOSFET junction
temperature and the resulting value of ILIMIT which heats
the MOSFET switches.
Caution should be used when setting the current limit
based upon the RDS(ON) of the MOSFETs. The maximum
current limit is determined by the minimum MOSFET on-
resistance. Data sheets typically specify nominal and
maximum values for RDS(ON), but not a minimum. A
reasonable assumption is that the minimum RDS(ON) lies
the same amount below the typical value as the maximum
lies above it. Consult the MOSFET manufacturer for further
guidelines.
Minimum Off-time and Dropout Operation
The minimum off-time tOFF(MIN) is the smallest amount of
time that the LTC3718 is capable of turning on the bottom
MOSFET, tripping the current comparator and turning the
MOSFET back off. This time is generally about 250ns. The
minimum off-time limit imposes a maximum duty cycle of
tON/(tON + tOFF(MIN)). If the maximum duty cycle is reached,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com