Electronic Components Datasheet Search
  English  ▼

X  

LTC3718 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3718
Description  Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3718 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3718 Datasheet HTML 10Page - Linear Technology LTC3718 Datasheet HTML 11Page - Linear Technology LTC3718 Datasheet HTML 12Page - Linear Technology LTC3718 Datasheet HTML 13Page - Linear Technology LTC3718 Datasheet HTML 14Page - Linear Technology LTC3718 Datasheet HTML 15Page - Linear Technology LTC3718 Datasheet HTML 16Page - Linear Technology LTC3718 Datasheet HTML 17Page - Linear Technology LTC3718 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC3718
3718fa
due to a dropping input voltage for example, then the
output will drop out of regulation. The minimum input
voltage to avoid dropout is:
VV
tt
t
IN MIN
OUT
ON
OFF MIN
ON
()
()
=
+
Output Voltage Programming
When VFB is connected to VOUT, the output voltage is
regulated to one half of the voltage at the VREF pin. A
resistor connected between VFB and VOUT can be used to
further adjust the output voltage according to the follow-
ing equation:
VV
kR
k
OUT
REF
FB
=
+


60
120
If VREF exceeds 3V, resistors should be placed in series
with the VREF pin and the VFB pin to avoid exceeding the
input common mode range of the internal error amplifier.
To maintain the VOUT = VREF/2 relationship, the resistor in
series with the VREF pin should be made twice as large as
the resistor in series with the VFB pin.
APPLICATIO S I FOR ATIO
Alternately, the external buffer circuit shown in Figure 5
can be used. Note that the bipolar devices reduce the
signal swing at the MOSFET gate.
Soft-Start and Latchoff with the RUN/SS Pin
The RUN/SS pin provides a means to shut down the
LTC3718 as well as a timer for soft-start and overcurrent
latchoff. Pulling the RUN/SS pin below 0.8V puts the
LTC3718 into a low quiescent current shutdown
(IQ < 30µA). Releasing the pin allows an internal 1.2µA
current source to charge up the external timing capacitor
CSS. If RUN/SS has been pulled all the way to ground,
there is a delay before starting of about:
t
V
A
Cs F C
DELAY
SS
SS
=
µ
=µ
()
15
12
13
.
.
./
When the voltage on RUN/SS reaches 1.5V, the LTC3718
begins operating with a clamp on ITH of approximately
0.9V. As the RUN/SS voltage rises to 3V, the clamp on ITH
is raised until its full 2.4V range is available. This takes an
additional 1.3s/
µF, during which the load current is folded
back. During start-up, the maximum load current is re-
duced until either the RUN/SS pin rises to 3V or the output
reaches 75% of its final value. The pin can be driven from
logic as shown in Figure 6. Diode D1 reduces the start
delay while allowing CSS to charge up slowly for the soft-
start function.
3.3V OR 5V
RUN/SS
VIN
INTVCC
RUN/SS
D1
(6a)
(6b)
D2*
CSS
RSS*
CSS
*OPTIONAL TO OVERRIDE
OVERCURRENT LATCHOFF
RSS*
3718 F06
Figure 6. RUN/SS Pin Interfacing with Latchoff Defeated
After the controller has been started and given adequate
time to charge up the output capacitor, CSS is used as a
short-circuit timer. After the RUN/SS pin charges above
4V, if the output voltage falls below 75% of its regulated
value, then a short-circuit fault is assumed. A 1.8
µA cur-
rent then begins discharging CSS. If the fault condition
VFB1
VREF
LTC3718
3718 F04
VOUT
RFB
249k
RFB
499k
VREF
Figure 4
External Gate Drive Buffers
The LTC3718 drivers are adequate for driving up to about
30nC into MOSFET switches with RMS currents of 50mA.
Applications with larger MOSFET switches or operating at
frequencies requiring greater RMS currents will benefit
from using external gate drive buffers such as the LTC1693.
Q1
FMMT619
GATE
OF M1
TG
BOOST
SW
Q2
FMMT720
Q3
FMMT619
GATE
OF M2
BG
10
Ω
3718 F05
INTVCC
PGND
Q4
FMMT720
10
Ω
Figure 5. Optional External Gate Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com