Electronic Components Datasheet Search
  English  ▼

X  

LTC3718 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3718
Description  Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3718 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3718 Datasheet HTML 12Page - Linear Technology LTC3718 Datasheet HTML 13Page - Linear Technology LTC3718 Datasheet HTML 14Page - Linear Technology LTC3718 Datasheet HTML 15Page - Linear Technology LTC3718 Datasheet HTML 16Page - Linear Technology LTC3718 Datasheet HTML 17Page - Linear Technology LTC3718 Datasheet HTML 18Page - Linear Technology LTC3718 Datasheet HTML 19Page - Linear Technology LTC3718 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC3718
3718fa
Figure 8. LTC3718 Layout Diagram
CSS
C2
RC
RUN/SS
VON
PGOOD
VRNG
ITH
SGND1
ION
VFB1
VREF
SHDN
SGND2
VFB2
BOOST
TG
SW1
SENSE+
SENSE–
PGND1
BG
INTVCC
VIN1
VIN2
PGND2
SW2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LTC3718
C1
RON
RF3
RF4
RF5
CIN2
L2
BOLD LINES INDICATE HIGH CURRENT PATHS
M2
D2
3718 F08
L1
D3
CVCC
CB
M1
DB
VIN
+
–
VOUT
COUT
CIN
APPLICATIO S I FOR ATIO
PC Board Layout Checklist
When laying out a PC board follow one of the two
suggested approaches. The simple PC board layout
requires a dedicated ground plane layer. Also, for higher
currents, it is recommended to use a multilayer board to
help with heat sinking power components.
• The ground plane layer should not have any traces and
it should be as close as possible to the layer with power
MOSFETs.
• Place CIN, COUT, MOSFETs, D1 and inductor all in one
compact area. It may help to have some components
on the bottom side of the board.
• Place LTC3718 chip with Pins 13 to 24 facing the
power components. Keep the components connected
to Pins 1 to 12 close to LTC3718 (noise sensitive
components).
• Use an immediate via to connect the components to
ground plane including SGND and PGND of LTC3718.
Use several bigger vias for power components.
• Use compact plane for switch node (SW) to improve
cooling of the MOSFETs and to keep EMI down.
• Use planes for VIN and VOUT to maintain good voltage
filtering and to keep power losses low.
• Flood all unused areas on all layers with copper.
Flooding with copper will reduce the temperature rise
of power component. You can connect the copper
areas to any DC net (VIN, VOUT, GND or to any other DC
rail in your system).
When laying out a printed circuit board, without a ground
plane, use the following checklist to ensure proper opera-
tion of the controller. These items are also illustrated in
Figure 8.
• Segregate the signal and power grounds. All small
signal components should return to the SGND pin at
one point which is then tied to the PGND pin close to
the source of M2.
• Place M2 as close to the controller as possible, keep-
ing the PGND, BG and SW traces short.
• Connect the input capacitor(s) CIN close to the power
MOSFETs. This capacitor carries the MOSFET AC
current.
• Keep the high dV/dt SW, BOOST and TG nodes away
from sensitive small-signal nodes.
• Connect the INTVCC decoupling capacitor CVCC closely
to the INTVCC and PGND pins.
• Connect the top driver boost capacitor CB closely to
the BOOST and SW pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com