Electronic Components Datasheet Search
  English  ▼

X  

RT5746 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5746
Description  2.4MHz 4A/6A Step-Down Converter with I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5746 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5746 Datasheet HTML 7Page - Richtek Technology Corporation RT5746 Datasheet HTML 8Page - Richtek Technology Corporation RT5746 Datasheet HTML 9Page - Richtek Technology Corporation RT5746 Datasheet HTML 10Page - Richtek Technology Corporation RT5746 Datasheet HTML 11Page - Richtek Technology Corporation RT5746 Datasheet HTML 12Page - Richtek Technology Corporation RT5746 Datasheet HTML 13Page - Richtek Technology Corporation RT5746 Datasheet HTML 14Page - Richtek Technology Corporation RT5746 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
RT5744/RT5746
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5744/DS5746-00
November
2023
www.richtek.com
11
Table 1. Recommended External Components for 4A/6A Maximum Load Current
Component
Description
Vendor P/N
L1
330nH, case size
DFE201612E-R33M=P2 (Murata)
470nH, case size
DFE201612E-R47M=P2 (Murata)
C2
4.7
F, 10V, X5R, 0402
GRM155R61A475MEAA (Murata)
C3(1)
100nF, 6.3V, X5R, 0201
GRM033R60J104KE19D (Murata)
C4
22
F x 2, 6.3V, X5R, 0603
GRM188R60J226MEA0D (Murata)
C1608X5R0J226M080AC (TDK)
L2(3)
330nH, 4x4 size (12A, 10.8m
)
CMME041B-R33MS (Cyntec)
220nH, 4x4 size (13A, 7.2m
)
CMME041B-R22MS (Cyntec)
C5
22
F, 6.3V, X5R, 0603
GRM188R60J226MEA0D (Murata)
C6(1)
100nF, 6.3V, X5R, 0201
GRM033R60J104KE19D (Murata)
C7(3)
22
F x 3, 6.3V, X5R, 0603
GRM188R60J226MEA0D (Murata)
C1608X5R0J226M080AC (TDK)
47
F x 3, 6.3V, X5R, 0603
GRM188R60J476ME01 (Murata)
Note:
(1) The decouple capacitors C3 and C6 are recommended to reduce any high frequency component on VIN bus. C3
and C6 are optional and used to filter any high frequency component on VIN bus.
(2) All the input and output capacitors are the suggested values, referring to the effective capacitances, subject to
any de-rating effect, like a DC bias.
(3) For general purpose application, L2 = 330nH and C7 = 22
F x 3pcs are recommended. For fast load transient
requirement, it is recommended to use L2 = 220nH and C7 = 47
F x 3pcs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com