Electronic Components Datasheet Search
  English  ▼

X  

RT5746 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5746
Description  2.4MHz 4A/6A Step-Down Converter with I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5746 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5746 Datasheet HTML 9Page - Richtek Technology Corporation RT5746 Datasheet HTML 10Page - Richtek Technology Corporation RT5746 Datasheet HTML 11Page - Richtek Technology Corporation RT5746 Datasheet HTML 12Page - Richtek Technology Corporation RT5746 Datasheet HTML 13Page - Richtek Technology Corporation RT5746 Datasheet HTML 14Page - Richtek Technology Corporation RT5746 Datasheet HTML 15Page - Richtek Technology Corporation RT5746 Datasheet HTML 16Page - Richtek Technology Corporation RT5746 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
RT5744/RT5746
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5744/DS5746-00
November
2023
www.richtek.com
13
0.78
0.79
0.80
0.81
0.82
0.83
0
1
2
3
4
Output Current (A)
Output Voltage vs. Output Current
VOUT = 0.8V, L = 0.33µH (DFE201612E-R33M=P2),
COUT = 22µFx2, Auto mode
VIN = 2.8V
VIN = 3.3V
VIN = 3.8V
VIN = 4.5V
VIN = 5V
0.48
0.49
0.50
0.51
0.52
0.53
0
1
2
3
4
Output Current (A)
Output Voltage vs. Output Current
VOUT = 0.5V, L = 0.33µ H (DFE201612E-R33M=P2),
COUT = 22µFx2, Auto mode
VIN = 2.8V
VIN = 3.3V
VIN = 3.8V
VIN = 4.5V
VIN = 5V
1.00
1.02
1.04
1.06
1.08
1.10
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Output Voltage vs. Input Voltage
VOUT = 1.05V, L = 0.33µH (CMME041B-R33MS),
COUT = 22µFx3, Auto mode
IOUT = 3A
IOUT = 6A
0.85
0.87
0.89
0.91
0.93
0.95
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Output Voltage vs. Input Voltage
VOUT = 0.9V, L = 0.33µH (CMME041B-R33MS),
COUT = 22µFx3, Auto mode
IOUT = 3A
IOUT = 6A
0.77
0.78
0.79
0.80
0.81
0.82
0.83
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Output Voltage vs. Input Voltage
VOUT = 0.8V, L = 0.33µH (DFE201612E-R33M=P2),
COUT = 22µFx2, Auto mode
IOUT = 4A
IOUT = 2A
0.47
0.48
0.49
0.50
0.51
0.52
0.53
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Output Voltage vs. Input Voltage
VOUT = 0.5V, L = 0.33µ H (DFE201612E-R33M=P2),
COUT = 22µFx2, Auto mode
IOUT = 4A
IOUT = 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com