Electronic Components Datasheet Search
  English  ▼

X  

RT5746 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT5746
Description  2.4MHz 4A/6A Step-Down Converter with I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5746 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT5746 Datasheet HTML 24Page - Richtek Technology Corporation RT5746 Datasheet HTML 25Page - Richtek Technology Corporation RT5746 Datasheet HTML 26Page - Richtek Technology Corporation RT5746 Datasheet HTML 27Page - Richtek Technology Corporation RT5746 Datasheet HTML 28Page - Richtek Technology Corporation RT5746 Datasheet HTML 29Page - Richtek Technology Corporation RT5746 Datasheet HTML 30Page - Richtek Technology Corporation RT5746 Datasheet HTML 31Page - Richtek Technology Corporation RT5746 Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
RT5744/RT5746
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5744/DS5746-00
November
2023
28
Table 5. NSEL1
Address: 0x01
Bit
7
6
5
4
3
2
1
0
Field
VSEL1
RT5744A
0
1
1
0
0
1
0
1
RT5744B
0
1
1
0
0
1
0
1
RT5746A
0
1
1
0
0
1
0
1
Type
RW
Bit
Name
Description
7:0
VSEL1
VID Table satisfy (activate when the VSEL pin set to logic-high):
SEL[7:0] = 10110101: VOUT = 1.40125V
…
SEL[7:0] = 0000000 :VOUT = 0.27V
6.25mV step for 0.27~1.40125
Table 6. CONTROL1
Address: 0x02
Bit
7
6
5
4
3
2
1
0
Field
DISCHG
UP_SR
Reserved
SW_RESET
MODE_VSEL1 MODE_VSEL0
Default
1
0
0
1
0
0
0
0
Type
RW
RW
RV
RW
RW
RW
Bit
Name
Description
7
DISCHG
0: Disable internal output discharge resistor
1: Enable internal output discharge resistor
6:4
UP_SR
DVS Speed for UP DVS
000 = 25mV/
s
001 = 12.5mV/
s
010 = 6.25mV/
s
011 = 3.125mV/
s
100 = 1.5625mV/
s
101 = 0.78125mV/
s
110 = 0.39065mV/
s
111 = 0.1953125mV/
s
3
Reserved
Reserved bits
2
SW_RESET
Write 1 to reset, always read 0
1
MODE_VSEL1
Mode control (activate when the VSEL pin set to logic-high):
1: Forced PWM mode
0: Auto PFM/PWM mode
0
MODE_VSEL0
Mode control (activate when the VSEL pin set to logic-low):
1: Forced PWM mode
0: Auto PFM/PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com