Electronic Components Datasheet Search
  English  ▼

X  

M24256E-FDW6TP Datasheet(PDF) 8 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M24256E-FDW6TP Datasheet HTML 4Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 5Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 6Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 7Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 8Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 9Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 10Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 11Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Table 3. Configurable device address register description
Bit
Function
Bits b7 to b4
Reserved bits - Read as '0'. (b7, b6, b5, b4)=(0,0,0,0)
Bits b3 to b1
C2, C1, C0: Configurable device address bits.
b3, b2, b1 are used to configure up to eight possibilities of chip enable address:
•
(b3, b2, b1) = (0, 0, 0): the chip enable address is 000 (factory delivery value)
•
(b3, b2, b1) = (0, 0, 1): the chip enable address is 001
•
(b3, b2, b1) = (0, 1, 0): the chip enable address is 010
•
(b3, b2, b1) = (0, 1, 1): the chip enable address is 011
•
(b3, b2, b1) = (1, 0, 0): the chip enable address is 100
•
(b3, b2, b1) = (1, 0, 1): the chip enable address is 101
•
(b3, b2, b1) = (1, 1 0): the chip enable address is 110
•
(b3, b2, b1) = (1, 1, 1): the chip enable address is 111
Bit b0
DAL: Device address lock bit.
b0 locks the CDA register in read-only mode:
•
b0 = 0: bits b3, b2, b1, b0 can be modified
•
b0 = 1: bits b3, b2, b1, b0 cannot be modified and therefore the CDA register is frozen
Note: Bits b3 to b0 can be updated (if b0 = 0) in the same write instruction. Setting b0 from 0 to 1 is an
irreversible action.
C2, C1, C0 and DAL are defining the chip enable address in the device select code and the device address lock.
These bits can be written and re-configured with a write command.
At power up or after reprogramming, the device load the last configuration of C2, C1, C0 and DAL values.
In order to prevent unwanted change of configurable device address bits, the M24256E proposes to protect the
CDA register,freezing it in read-only mode. The update of the CDA register is disabled (read-only) when the DAL
bit is set to '1' (DAL=1b).
In the same way, the update of the CDA register is enabled when the DAL bit is set to '0' (DAL= 0b).
Note:
•
Updating the DAL bit from 0 to 1 is an irreversible action: the C2,C1,C0 and DAL bits cannot be updated
any more.
•
If the write control input (WC) is driven high or if the DAL bit is set to 1, the write configurable device
address command is not executed and the accompanying data byte is not acknowledged, as shown in
Figure 7.
In case of M24256E-F delivered with the pre programmed device address, the configurable device address
register is locked at factory delivery and can only be read. The C2, C1, C0 bits are set as specified in Table 4 ,
and the DAL bit is set to 1.
The corresponding commercial product number with the pre programmed device address are given in Table 4 .
Table 4. Pre-programmed device address
Commercial product
number(1)
Device address
C2
C1
C0
M24256E-Fxx6T1
0
0
1
M24256E-Fxx6T2
0
1
0
M24256E-Fxx6T3
0
1
1
M24256E-Fxx6T4
1
0
0
M24256E-Fxx6T5
1
0
1
M24256E-Fxx6T6
1
1
0
M24256E-Fxx6T7
1
1
1
1. 'xx' in the part number varies depending on the package
M24256E-F
Configurable device address register (CDA)
DS12687 - Rev 3
page 8/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com