Electronic Components Datasheet Search
  English  ▼

X  

M24256E-FDW6TP Datasheet(PDF) 4 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 4 Page - STMicroelectronics

  M24256E-FDW6TP Datasheet HTML 1Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 2Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 3Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 4Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 5Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 6Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 7Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 8Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
2
Signal description
2.1
Serial clock (SCL)
SCL is an input. The signal applied on the SCL input is used to strobe the data available on SDA(in) and to output
the data on SDA(out).
2.2
Serial data (SDA)
SDA is an input/output used to transfer data in or data out of the device. SDA(out) is an open drain output
that may be wired-AND with other open drain or open collector signals on the bus. A pull-up resistor must be
connected from serial data (SDA) to VCC (Figure 17 and Figure 18 indicate how to calculate the value of the
pull-up resistor).
2.3
Write control (WC)
This input signal is useful for protecting the entire contents of the memory and the configurable device address
register from inadvertent write operations. Write operations are disabled when write control (WC) is driven high.
Write operations are enabled when write control (WC) is either driven low or left floating.
When write control (WC) is driven high, device select and address bytes are acknowledged, data bytes are not
acknowledged.
2.4
VSS (ground)
VSS is the reference for the VCC supply voltage.
2.5
Supply voltage (VCC)
2.5.1
Operating supply voltage (VCC)
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage within the specified
[VCC(min), VCC(max)] range must be applied (see Operating conditions in Section 9 DC and AC parameters). In
order to secure a stable DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor
(from 10 nF to 100 nF) close to the VCC / VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction and, for a write
instruction, until the completion of the internal write cycle (tW).
2.5.2
Power-up conditions
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage (see Table 9 in
Section 9 DC and AC parameters).
Once the VCC is greater than, or equal to, the minimum VCC level, the master must wait for at least TWU before
sending the first command to the device. See Table 15 for the value of the wake-up time parameter.
2.5.3
Device reset
In order to prevent inadvertent write operations during power-up, a power-on-reset (POR) circuit is included.
At power-up, the device does not respond to any instruction until VCC has reached the internal reset
threshold voltage. This threshold is lower than the minimum VCC operating voltage (see Operating conditions
in Section 9 DC and AC parameters). When VCC passes over the POR threshold, the device is reset and enters
the Standby Power mode; however, the device must not be accessed until VCC reaches a valid and stable DC
voltage within the specified [VCC(min), VCC(max)] range (see Operating conditions in Section 9 DC and AC
parameters).
In a similar way, during power-down (continuous decrease in VCC), the device must not be accessed when VCC
drops below VCC(min). When VCC drops below the power-on-reset threshold voltage, the device stops responding
to any instruction sent to it.
M24256E-F
Signal description
DS12687 - Rev 3
page 4/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com