Electronic Components Datasheet Search
  English  ▼

X  

M24256E-FDW6TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 1 Page - STMicroelectronics

  M24256E-FDW6TP Datasheet HTML 1Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 2Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 3Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 4Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 5Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 6Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 7Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 8Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Features
•
Compatible with following I2C bus modes:
–
1 MHz (Fast-mode Plus)
–
400 kHz (Fast-mode)
–
100 kHz (Standard-mode)
•
Memory array:
–
256 Kbit (32 Kbytes) of EEPROM
–
Page size: 64 bytes
–
Additional identification page
•
Single supply voltage:
–
1.6 to 5.5 V
•
Operating temperature range
–
From -40°C up to +85°C
•
Write cycle time:
–
Byte write within 5 ms
–
Page write within 5 ms
•
Random and sequential read modes
•
Write protection of the whole memory array
•
Configurable device address
•
Preprogrammed device address (on demand)
•
Enhanced ESD / latch-up protection
•
More than 4 million write cycles
•
More than 200-year data retention
•
Package
–
SO8N ECOPACK2
–
TSSOP8 ECOPACK2
–
UFDFPN8 ECOPACK2
–
UFDFPN5 ECOPACK2
–
RoHS-compliant and halogen-free (ECOPACK2)
TSSOP8
169 mil width
SO8N
150 mil width
UFDFPN8 (MC)
DFN8 - 2x3 mm
UFDFPN5 (MH)
DFN5 - 1.7x1.4 mm
Product status link
M24256E-F
256-Kbit serial I²C bus EEPROM with configurable device address and
preprogrammed device address
M24256E-F
Datasheet
DS12687 - Rev 3 - February 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - M24256E-FDW6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
1Mb / 9P
Standard I²C EEPROM memory expansion board based on M24256E-F and M24M01E-F series for STM32 Nucleo
21-Dec-2023
More results

Similar Description - M24256E-FDW6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
09-Nov-2001
logo
Texas Instruments
TNETX15AE TI-TNETX15AE Datasheet
1Mb / 78P
ADDRESS-LOOKUP DEVICE
logo
STMicroelectronics
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
256-Kbit serial I짼C bus EEPROM
17-Dec-2012
logo
Texas Instruments
TNETX15AEPGE TI1-TNETX15AEPGE Datasheet
990Kb / 79P
ADDRESS-LOOKUP DEVICE
logo
STMicroelectronics
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
256-Kbit serial I짼C bus EEPROM
21-Feb-2014
M24C64X-FCU STMICROELECTRONICS-M24C64X-FCU Datasheet
469Kb / 35P
64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
Rev 7 - September 2019
M24128X-FCU STMICROELECTRONICS-M24128X-FCU Datasheet
431Kb / 35P
128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
Rev 2 - October 2019
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
M24256X-F STMICROELECTRONICS-M24256X-F Datasheet
692Kb / 42P
256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
Rev 2 - July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com