Electronic Components Datasheet Search
  English  ▼

X  

DER-94 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # DER-94
Description  46 W Power Supply using TOP246Y
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-94 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button DER-94 Datasheet HTML 26Page - Power Integrations, Inc. DER-94 Datasheet HTML 27Page - Power Integrations, Inc. DER-94 Datasheet HTML 28Page - Power Integrations, Inc. DER-94 Datasheet HTML 29Page - Power Integrations, Inc. DER-94 Datasheet HTML 30Page - Power Integrations, Inc. DER-94 Datasheet HTML 31Page - Power Integrations, Inc. DER-94 Datasheet HTML 32Page - Power Integrations, Inc. DER-94 Datasheet HTML 33Page - Power Integrations, Inc. DER-94 Datasheet HTML 34Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
DER-94
LCD Monitor Internal Supply
September 12, 2005
Page 30 of 34
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
13 Line Transient Testing
The power supply was tested for 1.2/50
µsec common mode and differential mode line
surge at 230 VAC, full load. The supply was mounted on a metal plate, and the output
was monitored with an LED to detect any output interruption. The power supply was
deemed to pass a test if it withstood the surge with no output interruption.
Differential Mode Surge, 2 ohm generator impedance, 10 strikes each setting at 30 sec
intervals
Surge Voltage
0
° Phase Angle
90
° Phase Angle
270
° Phase Angle
+3kV
Pass
Pass
Pass
-3kV
Pass
Pass
Pass
Common Mode Surge, 12 ohm generator impedance, 10 strikes each setting at 30 sec
intervals
Surge Voltage
0
° Phase Angle
90
° Phase Angle
270
° Phase Angle
+4kV
Pass
Pass
Pass
-4kV
Pass
Pass
Pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com