Electronic Components Datasheet Search
  English  ▼

X  

DER-94 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-94
Description  46 W Power Supply using TOP246Y
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-94 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-94 Datasheet HTML 13Page - Power Integrations, Inc. DER-94 Datasheet HTML 14Page - Power Integrations, Inc. DER-94 Datasheet HTML 15Page - Power Integrations, Inc. DER-94 Datasheet HTML 16Page - Power Integrations, Inc. DER-94 Datasheet HTML 17Page - Power Integrations, Inc. DER-94 Datasheet HTML 18Page - Power Integrations, Inc. DER-94 Datasheet HTML 19Page - Power Integrations, Inc. DER-94 Datasheet HTML 20Page - Power Integrations, Inc. DER-94 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
DER-94
LCD Monitor Internal Supply
September 12, 2005
Page 17 of 34
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
7.6
Transformer Spreadsheet
ACDC_TOPGX_Rev1.2_052901
Copyright Power Integrations Inc.
2001
INPUT
INFO
INFO
OUTPUT OUTPUT UNIT
TOP_GX_052901.xls:
TOPSwitch-GX
Continuous/Discontinuous
Flyback Transformer Design
Spreadsheet
ENTER APPLICATION VARIABLES
Customer
VACMIN
90
Volts
Minimum AC Input Voltage
VACMAX
265
Volts
Maximum AC Input Voltage
fL
50
Hertz
AC Mains Frequency
VO
5
Volts
Output Voltage
PO
45
Watts
Output Power
n
0.8
Efficiency Estimate
Z
0.5
Loss Allocation Factor
VB
12
Volts
Bias Voltage
tC
3
mSeconds Bridge Rectifier Conduction
Time Estimate
CIN
120
uFarads
Input Filter Capacitor
ENTER TOPSWITCH-GX VARIABLES
TOP-GX
TOP246
Universal
115 Doubled/230V
Chosen Device
TOP246
TOP246 Power
Out
Power
Out
90W
150W
KI
0.8
External Ilimit reduction
factor (KI=1.0 for default
ILIMIT, KI <1.0 for lower
ILIMIT)
ILIMITMIN
1.944
1.944 Amps
Use 1% resistor in setting
external ILIMIT
ILIMITMAX
2.376
2.376 Amps
Use 1% resistor in setting
external ILIMIT
Frequency - (F)=132kHz,
(H)=66kHz
H
Half (H) frequency option -
66kHz
fS
65000
6.50E+04 6.50E+04 Hertz
TOPSwitch-GX Switching
Frequency: Choose between
132 kHz and 66 kHz
fSmin
6.15E+04 6.15E+04 Hertz
TOPSwitch-GX Minimum
Switching Frequency
fSmax
7.05E+04 7.05E+04 Hertz
TOPSwitch-GX Maximum
Switching Frequency
VOR
90
Volts
Reflected Output Voltage
VDS
10
Volts
TOPSwitch on-state Drain to
Source Voltage
VD
0.5
Volts
Output Winding Diode
Forward Voltage Drop
VDB
0.7
Volts
Bias Winding Diode Forward
Voltage Drop
KP
0.70
Ripple to Peak Current Ratio
(0.4 < KRP < 1.0 : 1.0<
KDP<6.0)
ENTER TRANSFORMER CORE/CONSTRUCTION VARIABLES
Core Type
EER28
Core
EER28 EER28
P/N:
PC40EER28-Z
Bobbin
EER28_BOBBIN
EER28_BOBBIN
P/N:
BEER-28-1112CPH
AE
0.821
0.821 cm^2
Core Effective Cross
Sectional Area
LE
6.4
6.4 cm
Core Effective Path Length
AL
2870
2870 nH/T^2
Ungapped Core Effective
Inductance
BW
17.2
17.2
17.2 mm
Bobbin Physical Winding
Width
M
3
mm
Safety Margin Width (Half
the Primary to Secondary
Creepage Distance)
L
2
Number of Primary Layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com