Electronic Components Datasheet Search
  English  ▼

X  

DER-94 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # DER-94
Description  46 W Power Supply using TOP246Y
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-94 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button DER-94 Datasheet HTML 17Page - Power Integrations, Inc. DER-94 Datasheet HTML 18Page - Power Integrations, Inc. DER-94 Datasheet HTML 19Page - Power Integrations, Inc. DER-94 Datasheet HTML 20Page - Power Integrations, Inc. DER-94 Datasheet HTML 21Page - Power Integrations, Inc. DER-94 Datasheet HTML 22Page - Power Integrations, Inc. DER-94 Datasheet HTML 23Page - Power Integrations, Inc. DER-94 Datasheet HTML 24Page - Power Integrations, Inc. DER-94 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DER-94
LCD Monitor Internal Supply
September 12, 2005
Page 21 of 34
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8.3
Cross Regulation Matrix
Vin
Vo1
Io1
Vo2
Io2
90
4.99
2
12.18
3
90
4.96
2
12.51
0
90
5
0
12.05
0
90
5.06
0.1
11.4
3
265
4.99
2
12.12
3
265
4.96
2
12.5
0
265
5.01
0
12.06
0
265
5.06
0.1
11.49
3
8.4
Load Regulation Matrix, 90VAC
Vin
Vo1
Io1
Vo2
Io2
90
5.05 0.1
11.49
3
90
5.04 0.2
11.63
3
90
5.03 0.4
11.73
3
90
5.01 0.8
11.87
3
90
5.01
1
11.91
3
90
5 1.5
12.03
3
90
4.99
2
12.14
3
90
4.96
2
12.48
0
90
4.96
2
12.46 0.1
90
4.96
2
12.44 0.2
90
4.97
2
12.43 0.4
90
4.97
2
12.4 0.8
90
4.98
2
12.37
1
90
4.98
2
12.29 1.5
90
4.98
2
12.21
2
90
4.99
2
12.16 2.5
90
4.99
2
12.12
3
8.5
5V Power Limit
The 5 V power limit was tested at 230 VAC with the 12 V output set to zero load. The 5 V
output load was increased from a 2 A load until the protection circuit forced the power
supply into auto-restart. This occurred at a 5 V load of 3-4.2 A for the 4 units tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com