Electronic Components Datasheet Search
  English  ▼

X  

TDA3602 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA3602
Description  Multiple output voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3602 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA3602 Datasheet HTML 5Page - NXP Semiconductors TDA3602 Datasheet HTML 6Page - NXP Semiconductors TDA3602 Datasheet HTML 7Page - NXP Semiconductors TDA3602 Datasheet HTML 8Page - NXP Semiconductors TDA3602 Datasheet HTML 9Page - NXP Semiconductors TDA3602 Datasheet HTML 10Page - NXP Semiconductors TDA3602 Datasheet HTML 11Page - NXP Semiconductors TDA3602 Datasheet HTML 12Page - NXP Semiconductors TDA3602 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
July 1994
9
Philips Semiconductors
Product specification
Multiple output voltage regulator
TDA3602
Notes
1. Minimum operating voltage only if VP has exceeded 8 V.
2. In the sleep mode, Regulators 1 and 2 are off. In the coma mode, the state control circuit is also switched off, to make
the quiescent current as low as possible.
3. Hold circuit can sink this current in the RESET state and the ON state.
4. The foldback current protection limits the dissipated power at short-circuit (see Fig.5).
5. The drop-out voltage of Regulator 3 is measured between Vbu and VREG3 (pins 8 and 7).
6. At current limit, IREGm is held constant (behaviour in accordance with the broken line in Fig.5).
Regulator 3 (IREG3 = 5 mA unless otherwise specified)
VREG3
output voltage
0.5 mA
≤ IREG3 ≤ 50 mA
4.8
5.0
5.2
V
7 V
≤ V
P ≤ 18 V
4.8
5.0
5.2
V
18
≤ VP ≤ 50 V
4.8
5.0
5.2
V
∆VREGL3 output voltage
sleep mode; IREG3 ≤ 10 mA;
4.5
5.0
5.5
V
note 2
ILO1
leakage output current
VP = 0; Vbu = 6 V; VREG3 = 6 V
−−
−1
µA
∆VREG3
line regulation
7 V
≤ VP ≤ 18 V
−−
50
mV
∆VREGL3 load regulation
0.5 mA
≤ IREG3 ≤ 50 mA
−−
50
mV
SVRR3
supply voltage ripple rejection
f = 200 Hz; 2 V (p-p)
60
−−
dB
VREGd3
drop-out voltage
IREG3 = 50 mA; note 5
−−
0.4
V
IREGm3
current limit
VREG3 > 4.5 V; note 6
140
−
500
mA
Switch
Vswd
drop-out voltage
Isw = 50 mA
−−
0.45
V
Iswm
maximum current
140
−−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com