Electronic Components Datasheet Search
  English  ▼

X  

TDA3602 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA3602
Description  Multiple output voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3602 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA3602 Datasheet HTML 18Page - NXP Semiconductors TDA3602 Datasheet HTML 19Page - NXP Semiconductors TDA3602 Datasheet HTML 20Page - NXP Semiconductors TDA3602 Datasheet HTML 21Page - NXP Semiconductors TDA3602 Datasheet HTML 22Page - NXP Semiconductors TDA3602 Datasheet HTML 23Page - NXP Semiconductors TDA3602 Datasheet HTML 24Page - NXP Semiconductors TDA3602 Datasheet HTML 25Page - NXP Semiconductors TDA3602 Datasheet HTML 26Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
July 1994
23
Philips Semiconductors
Product specification
Multiple output voltage regulator
TDA3602
halfpage
MSA727
START
P1, 1 = 1 (i)
X = Sx
X
Sx + 4 ?
no
yes
P0, X = 0
Y = Sy
Y
Sy + 4 ?
no
input P1, Y
Y = Y + 1
yes
P0, X = 1
X = X + 1
P1, 1 = 0 (o)
STOP
t
R4 x C6 x in (5/3)
t
2.4 ms
Fig.15 Software key matrix with loops.
FULL ON/OFF LOGIC
Using application circuit Fig.14, full on/off logic can be
achieved. Also extra software loops are required to enable
the set when ignition is off. The set can be controlled by
Port P1,1 if the ignition is off (thus no extra I/O ports of the
microprocessor are required for full on/off logic).
Because Port P1,1 is a part of the key matrix the complete
key-scan loop must be finished within less than 0.5
× R4 ×
C6 = 2.4 ms, otherwise the TDA3602 will enter the reset
state and Regulators 1 and 2 are switched off during this
key-scan loop. When the time of the complete loop is
within 2.4 ms the Vsc will remain below 2 V (thus
Regulators 1 and 2 remain on).
It is also possible to switch Port P1,1 during the key-scan
loop sequentially from output (logic 0) to input. If this is
achieved within a time period of 1 ms, Vsc cannot become
HIGH long enough to switch Regulators 1 and 2 off.
When ignition is available, transistor T1 overrules Port
P1,1. In this event no variation on Vsc is seen during the
key-scan loop.
The flow chart presented in Fig.15 is only required for the
full on/off logic application of Fig.14.
The complete key-scan routine must be finished within 2.4
ms (when ignition is off) and that the key-scan routine has
to end with a statement P1,1 = logic 0. In the flow chart of
the key-scan routine, Sx is the start value of the rows and
Sy the start value of the columns. With Sx = 1 and
Sy = 1, one '0' is shifted on the output ports P0,1 to P0,5
and the input ports P1,1 to P1,5 are being read
sequentially per shift action.
Connections between microprocessor and Regulator 2
supplied
When digital ICs, supplied by Regulator 2, are connected
to I/O ports (especially Ports 1 and 2), special attention in
the software has to be taken to avoid currents flowing from
Regulator 3 to Regulator 2. Because of ESD diodes in
digital ICs a current can flow from an output port (which is
in a high state) through the ESD diode into Regulator 2.
This will cause an increase in the quiescent current of the
set. The recommended action to avoid this problem is to
switch the specific I/O ports to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com