Electronic Components Datasheet Search
  English  ▼

X  

TDA3602 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA3602
Description  Multiple output voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3602 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA3602 Datasheet HTML 6Page - NXP Semiconductors TDA3602 Datasheet HTML 7Page - NXP Semiconductors TDA3602 Datasheet HTML 8Page - NXP Semiconductors TDA3602 Datasheet HTML 9Page - NXP Semiconductors TDA3602 Datasheet HTML 10Page - NXP Semiconductors TDA3602 Datasheet HTML 11Page - NXP Semiconductors TDA3602 Datasheet HTML 12Page - NXP Semiconductors TDA3602 Datasheet HTML 13Page - NXP Semiconductors TDA3602 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
July 1994
10
Philips Semiconductors
Product specification
Multiple output voltage regulator
TDA3602
Table 1
State control pin.
VP1 SCHMITT TRIGGER IS TRUE
STATE
REG3 (5 V)
REG1
+ REG2
RESET
REMARKS
Coma
LOW current
off
0
stabilizer consumes low quiescent current;
state control circuit is switched off to lower the
quiescent current
Sleep
LOW current
off
0
state control circuit on
Wake
HIGH current
off
0
CPU in sleep mode
Reset
HIGH current
off
1
CPU called up
On
HIGH current
on
1
normal operation
Power on
HIGH current
off
1
VP1 rises from 0 to 8.5 V or higher
(first start-up)
Power off
off
off
0
VP2 falls from VP to less than 3 V
(VREG3 = 2.5 V)
handbook, full pagewidth
> 7.9 V
Vbu
COMA
SLEEP
WAKE
RESET
ON
POWER ON
POWER OFF
< 3 V
Vbu
> 3.8 V
Vsc
> 3.8 V
Vsc
> 3.6 V
Vsc
> 2.8 V
Vsc
> 2.2 V
Vsc
< 3.8 V
Vsc
< 2.7 V
Vsc
< 1.9 V
Vsc
< 7.1 V
VP
> 2.0 V
Vsc
or
< 1.1 V
Vsc
and
> 7.6 V
VP
MCD347 - 1
< 3 V
V REG3
< 3 V
V
REG3
< 3 V
V
REG3
< 3 V
V REG3
Fig.3 State diagram.
Vbu = back-up voltage.
Vsc = state control voltage.
VREG3 = Regulator 3 output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com