Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8065
Description  Single Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8065 Datasheet HTML 19Page - Analog Devices AD8065 Datasheet HTML 20Page - Analog Devices AD8065 Datasheet HTML 21Page - Analog Devices AD8065 Datasheet HTML 22Page - Analog Devices AD8065 Datasheet HTML 23Page - Analog Devices AD8065 Datasheet HTML 24Page - Analog Devices AD8065 Datasheet HTML 25Page - Analog Devices AD8065 Datasheet HTML 26Page - Analog Devices AD8065 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
Data Sheet
AD3551R
THEORY OF OPERATION
analog.com
Rev. A | 23 of 59
CUSTOM OUTPUT VOLTAGE SPAN
In addition to the predefined output span ranges configured
via the CH0_OUTPUT_RANGE register, the output span range
can be customized by programming the offset and gain reg-
isters in conjunction with the external feedback resistor. The
CHx_RANGE_OVERRIDE bit must be set in the CHx_GAIN reg-
ister to override the predefined range and offset values. Gain is
configured as a combination of two parameters, CHx_GAIN_SCAL-
ING_P and CHx_GAIN_SCALING_N, in the CHx_GAIN register.
The absolute value and the sign of the offset are configured in the
CHx_OFFSET register and the lower bits of the CHx_GAIN register,
as shown in Table 10.
The zero-scale output voltage (VOUT_ZS) and full-scale output volt-
age (VOUT_FS) are calculated using the following equations:
VOUT_ZS=2.5+1.6×RFB× Offset−GainP
VOUT_FS=2.5+1.6×RFB× Offset+GainN
where:
GainP= 1
2CHx_GAIN_SCALING_P
GainN= 1
2CHx_GAIN_SCALING_N
Offset=OFFSET_POLARITY × CHx_OFFSET
1024
OFFSET_POLARITY = 1 if CHx_OFFSET_POLARITY = 0 and −1
if CHx_OFFSET_POLARITY = 1, and the value of RFB depends on
which RFBx_y pin is connected, as shown in Table 9.
Table 9. Value of Resistors on RFBx_y pins
Pin
Resistor Value (kΩ)
RFB1_y
1.610938
RFB2_y
3.228125
RFB4_y
6.488125
Table 10. Mapping of Offset Value
Item
Register
Bit
Field Name
Offset Sign
CHx_GAIN
2
CHx_OFFSET_POLARITY
Offset Bit 8
CHx_GAIN
0
CHx_OFFSET[8]
Offset Bit 7 to Bit 0
CHx_OFFSET
[7:0]
CHx_OFFSET
At zero offset, a custom range is centered at VCM (2.5 V). The offset
register allows moving the range up or down by 25% of its span.
That is, a 10 V range spans from −2.5 V to 7.5 V at zero offset, and
can be shifted by ±2.5 V using the offset register and polarity bit.
The gain scaling configuration does not affect the amplitude of the
offset.
While several combinations of RFB and gain scaling values are
possible to define a given range, it is recommended to use the
lowest possible value of RFB to minimize the noise density at the
output of the TIA.
TRANSFER FUNCTION
The conversion of the digital code to the DAC output current follows
a linear relation with the code in plain binary. The ideal output
current, in mA, is given by the following equation:
IOUTx=1.6× GainP−Offset− D216× GainP+GainN
where:
D is the decimal equivalent of the binary code that is loaded in the
DAC register.
Offset, GainP, and GainN are according to the definitions given in
the Custom Output Voltage Span section.
The conversion of current to voltage is performed in the external
TIA. If the internal feedback resistor is used, the output voltage
follows the following equation:
VOUT=VCM−RFB×IOUT
where:
VCM is the common-mode voltage at the VCMx pin that is connected
to the noninverting input of the TIA, nominally 2.5 V.
RFB is according to the definition given in Table 9.
VREF
The AD3551R has an internal 2.5 V voltage reference with a
3 ppm/°C temperature coefficient that is enabled at power-up. The
VREF pin is in high impedance at power-up to avoid electrical
problems. If the internal reference must be used externally, the
REFERENCE_VOLTAGE_SEL bits in the REFERENCE_CONFIG
register must be written to enable the VREF output as described in
Table 11.
When the external reference is selected, the VREF pin behaves as
an input.
Table 11. Voltage Reference Selection
REFERENCE_VOLTAGE_SEL
Source
VREF I/O
00
Internal
Floating
01
Internal
2.5 V
10
External
Input
11
External
Input
SPI REGISTER MAP ACCESS
SPI Frame Synchronization
The CS signal frames data during an SPI transaction. A falling edge
on CS enables the digital interface and initiates an SPI transaction.
Each SPI transaction consists of at least one instruction phase and
data phase, as described in the Instruction Phase section and the
Data Phase section. For all SPI transactions, data is aligned MSB
first. Deasserting CS during an SPI transaction terminates part or
all of the data transfer and disables the digital interface. If CS is
deasserted (returned high) after one or more register addresses
are issued, those registers are written or read, but any partially



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com