Electronic Components Datasheet Search
  English  ▼

X  

AD5122 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5122
Description  Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5122 Datasheet HTML 28Page - Analog Devices AD5122 Datasheet HTML 29Page - Analog Devices AD5122 Datasheet HTML 30Page - Analog Devices AD5122 Datasheet HTML 31Page - Analog Devices AD5122 Datasheet HTML 32Page - Analog Devices AD5122 Datasheet HTML 33Page - Analog Devices AD5122 Datasheet HTML 34Page - Analog Devices AD5122 Datasheet HTML 35Page - Analog Devices AD5122 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Data Sheet
AD5124/AD5144/AD5144A
THEORY OF OPERATION
analog.com
Rev. E | 32 of 37
Input Register
The AD5124/AD5144/AD5144A include one input register per
RDAC register. These registers allow preloading of the value for
the associated RDAC register. These registers can be written to
using Command 2 and read back from using Command 3 (see
Table 17).
This feature allows a synchronous and asynchronous update of one
or all of the RDAC registers at the same time.
The transfer from the input register to the RDAC register is done
asynchronously by the LRDAC pin or synchronously by Command
8 (see Table 17).
If new data is loaded into an RDAC register, this RDAC register
automatically overwrites the associated input register.
Linear Gain Setting Mode
The proprietary architecture of the AD5124/AD5144/AD5144A al-
lows the independent control of each string resistor, RAW, and RWB.
To enable this feature, use Command 16 (see Table 17) to set Bit
D2 of the control register (see Table 19).
This mode of operation can control the potentiometer as two inde-
pendent rheostats connected at a single point, the W terminal.
This feature enables a second input and an RDAC register per
channel, as shown in Table 18, but the actual RDAC contents re-
main unchanged. The same operations are valid for potentiometer
and linear gain setting modes. The EEPROM commands affect the
RWB resistance only. The parts restores in potentiometer mode after
a reset or power-up.
Low Wiper Resistance Feature
The AD5124/AD5144/AD5144A include two commands to reduce
the wiper resistance between the terminals when the devices ach-
ieve full scale or zero scale. These extra positions are called bottom
scale, BS, and top scale, TS. The resistance between Terminal
A and Terminal W at top scale is specified as RTS. Similarly, the
bottom scale resistance between Terminal B and Terminal W is
specified as RBS.
The contents of the RDAC registers are unchanged by entering into
these positions. There are three ways to exit from top scale and
bottom scale: by using Command 12 or Command 13 (see Table
17); by loading new data in an RDAC register, which includes
increment/decrement operations; or by entering shutdown mode,
Command 15 (see Table 17).
Table 20 and Table 21 show the truth tables for the top scale
position and the bottom scale position, respectively, when the
potentiometer or linear gain setting mode is enabled.
Table 20. Top Scale Truth Table
Linear Gain Setting Mode
Potentiometer Mode
RAW
RWB
RAW
RWB
RAB
RAB
RTS
RAB
Table 21. Bottom Scale Truth Table
Linear Gain Setting Mode
Potentiometer Mode
RAW
RWB
RAW
RWB
RTS
RBS
RAB
RBS
Linear Increment and Decrement Instructions
The increment and decrement commands (Command 4 and Com-
mand 5 in Table 17) are useful for linear step adjustment applica-
tions. These commands simplify microcontroller software coding
by allowing the controller to send an increment or decrement
command to the device. The adjustment can be individual or in a
ganged potentiometer arrangement, where all wiper positions are
changed at the same time.
For an increment command, executing Command 4 automatically
moves the wiper to the next RDAC position. This command can be
executed in a single channel or multiple channels.
±6 dB Increment and Decrement Instructions
Two programming instructions produce logarithmic taper increment
or decrement of the wiper position control by an individual poten-
tiometer or by a ganged potentiometer arrangement where all
RDAC register positions are changed simultaneously. The +6 dB
increment is activated by Command 6, and the −6 dB decrement
is activated by Command 7 (see Table 17). For example, starting
with the zero-scale position and executing Command 6 ten times
moves the wiper in 6 dB steps to the full-scale position. When the
wiper position is near the maximum setting, the last 6 dB increment
instruction causes the wiper to go to the full-scale position (see
Table 22).
Incrementing the wiper position by +6 dB essentially doubles the
RDAC register value, whereas decrementing the wiper position
by −6 dB halves the register value. Internally, the AD5124/AD5144/
AD5144A use shift registers to shift the bits left and right to achieve
a ±6 dB increment or decrement. These functions are useful for
various audio/video level adjustments, especially for white LED
brightness settings in which human visual responses are more
sensitive to large adjustments than to small adjustments.
Table 22. Detailed Left Shift and Right Shift Functions for the ±6 dB Step
Increment and Decrement
Left Shift (+6 dB/Step)
Right Shift (−6 dB/Step)
0000 0000
1111 1111
0000 0001
0111 1111
0000 0010
0011 1111
0000 0100
0001 1111
0000 1000
0000 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com