Electronic Components Datasheet Search
  English  ▼

X  

AD5122 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5122
Description  Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5122 Datasheet HTML 25Page - Analog Devices AD5122 Datasheet HTML 26Page - Analog Devices AD5122 Datasheet HTML 27Page - Analog Devices AD5122 Datasheet HTML 28Page - Analog Devices AD5122 Datasheet HTML 29Page - Analog Devices AD5122 Datasheet HTML 30Page - Analog Devices AD5122 Datasheet HTML 31Page - Analog Devices AD5122 Datasheet HTML 32Page - Analog Devices AD5122 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Data Sheet
AD5124/AD5144/AD5144A
THEORY OF OPERATION
analog.com
Rev. E | 29 of 37
EEPROM Write Acknowledge Polling
After each write operation to the EEPROM, an internal write cycle
begins. The I2C interface of the device is disabled. To determine
if the internal write cycle is complete and the I2C interface is
enabled, interface polling can be executed. I2C interface polling can
be conducted by sending a start condition, followed by the target
address and the write bit. If the I2C interface responds with an
acknowledge, the write cycle is complete, and the interface is ready
to proceed with further operations. Otherwise, I2C interface polling
can be repeated until it succeeds.
Read Operation
The AD5124/AD5144/AD5144A allow readback of the contents of
the RDAC register and EEPROM memory through the I2C interface
by using Command 3 (see Table 17).
When reading data back from the AD5124/AD5144/AD5144A, the
user must first issue a readback command to the device. The
readback begins with a start command, followed by an address
byte (R/W = 0), after which the device acknowledges that it is
prepared to receive data by pulling SDA low.
Two bytes of data are then written to the AD5124/AD5144/
AD5144A, the most significant byte followed by the least significant
byte. Both of these data bytes are acknowledged by the AD5124/
AD5144/AD5144A. A stop condition follows. These bytes contain
the read instruction, which enables readback of the RDAC register
and EEPROM memory. The user can then read back the data.
The readback begins with a start command followed by an address
byte (R/W = 1), after which the device acknowledges that it is
prepared to transmit data by pulling SDA low. Two bytes of data
are then read from the device, which are both acknowledged by the
controller, as shown in Figure 48. A stop condition follows. If the
controller does not acknowledge the first byte, the second byte is
not transmitted by the AD5124/AD5144/AD5144A.
The AD5124/AD5144/AD5144A do not support repeat readback.
Figure 48. AD5124/AD5144/AD5144A Interface Read Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com