Electronic Components Datasheet Search
  English  ▼

X  

AD5122 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5122
Description  Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5122 Datasheet HTML 13Page - Analog Devices AD5122 Datasheet HTML 14Page - Analog Devices AD5122 Datasheet HTML 15Page - Analog Devices AD5122 Datasheet HTML 16Page - Analog Devices AD5122 Datasheet HTML 17Page - Analog Devices AD5122 Datasheet HTML 18Page - Analog Devices AD5122 Datasheet HTML 19Page - Analog Devices AD5122 Datasheet HTML 20Page - Analog Devices AD5122 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Data Sheet
AD5124/AD5144/AD5144A
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. E | 17 of 37
Figure 11. 24-Lead LFCSP Pin Configuration (AD5124/AD5144)
Table 12. 24-Lead LFCSP Pin Function Descriptions (AD5124/AD5144)
Pin No.
Mnemonic
Description
1
GND
Ground Pin, Logic Ground Reference.
2
A1
Terminal A of RDAC1. VSS ≤ VA ≤ VDD.
3
W1
Wiper Terminal of RDAC1. VSS ≤ VW ≤ VDD.
4
B1
Terminal B of RDAC1. VSS ≤ VB ≤ VDD.
5
A3
Terminal A of RDAC3. VSS ≤ VA ≤ VDD.
6
W3
Wiper Terminal of RDAC3. VSS ≤ VW ≤ VDD.
7
B3
Terminal B of RDAC3. VSS ≤ VB ≤ VDD.
8
VSS
Negative Power Supply. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
9
A2
Terminal A of RDAC2. VSS ≤ VA ≤ VDD.
10
W2
Wiper Terminal of RDAC2. VSS ≤ VW ≤ VDD.
11
B2
Terminal B of RDAC2. VSS ≤ VB ≤ VDD.
12
A4
Terminal A of RDAC4. VSS ≤ VA ≤ VDD.
13
W4
Wiper Terminal of RDAC4. VSS ≤ VW ≤ VDD.
14
B4
Terminal B of RDAC4. VSS ≤ VB ≤ VDD.
15
VDD
Positive Power Supply. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
16
VLOGIC
Logic Power Supply; 1.8 V to VDD. Decouple this pin with 0.1 µF ceramic capacitors and 10 µF capacitors.
17
SCL/SCLK
I2C Serial Clock Line (SCL). Data is clocked in at the logic low transition.
SPI Serial Clock Line (SCLK). Data is clocked in at the logic low transition.
18
DIS
Digital Interface Select (SPI/I2C Select). SPI when DIS = 0 (GND), and I2C when DIS = 1 (VLOGIC). This pin cannot be left floating.
19
SDA/SDI
Serial Data Input/Output (SDA), When DIS = 1.
Serial Data Input (SDI), When DIS = 0.
20
WP
Optional Write Protect. This pin prevents any changes to the present RDAC and EEPROM content, except when reloading the content of the
EEPROM into the RDAC register. WP is activated at logic low. If this pin is not used, tie WP to VLOGIC.
21
ADDR1/SDO
Programmable Address (ADDR1) for Multiple Package Decoding, When DIS = 1.
Serial Data Output (SDO). Open-drain output, needs an external pull-up resistor, when DIS = 0.
22
ADDR0/SYNC
Programmable Address (ADDR0) for Multiple Package Decoding, When DIS = 1.
Synchronization Data Input, When DIS = 0. This pin is active low. When SYNC returns high, data is loaded into the input shift register.
23
LRDAC
Load RDAC. Transfers the contents of the input registers to their respective RDAC registers when their associated input registers were
previously loaded using Command 2 (see Table 17). This allows simultaneous update of all RDAC registers. LRDAC is activated at the
high-to-low transition. If not used, tie LRDAC to VLOGIC.
24
RESET
Hardware Reset Pin. Refresh the RDAC registers from EEPROM. RESET is activated at the logic low. If not used, tie RESET to VLOGIC.
EPAD
Exposed Pad. Connect the exposed pad to the potential of the VSS pin, or, alternatively, leave it electrically unconnected. It is recommended
that the pad be thermally connected to a copper plane for enhanced thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com