Electronic Components Datasheet Search
  English  ▼

X  

AD8155 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8155
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8155 Datasheet HTML 27Page - Analog Devices AD8155 Datasheet HTML 28Page - Analog Devices AD8155 Datasheet HTML 29Page - Analog Devices AD8155 Datasheet HTML 30Page - Analog Devices AD8155 Datasheet HTML 31Page - Analog Devices AD8155 Datasheet HTML 32Page - Analog Devices AD8155 Datasheet HTML 33Page - Analog Devices AD8155 Datasheet HTML 34Page - Analog Devices AD8155 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
AD8155
Data Sheet
Rev. A | Page 32 of 35
Large voids in the thermal paddle area should be avoided. To
control voids in the thermal paddle area, solder masking may
be required for thermal vias to prevent solder wicking inside
the via during reflow, thus displacing the solder away from the
interface between the package thermal paddle and thermal
paddle land on the PCB. There are several methods employed
for this purpose, such as via tenting (top or bottom side), using
dry film solder mask; via plugging with liquid photoimagible
(LPI) solder mask from the bottom side; or via encroaching.
These options are depicted in Figure 51. In case of via tenting,
the solder mask diameter should be 100 microns larger than the
via diameter.
(A)
(B)
(D)
(C)
VIA
SOLDER
MASK
COPPER
PLATING
Figure 51. Solder Mask Options for Thermal Vias: (a) Via Tenting from the
Top; (b) Via Tenting from the Bottom; (c)Via Plugging, Bottom; and (d) Via
Encroaching, Bottom
A stencil thickness of 0.125 mm is recommended for 0.4 mm and
0.5 mm pitch parts. The stencil thickness can be increased to
0.15 mm to 0.2 mm for coarser pitch parts. A laser-cut, stainless
steel stencil is recommended with electropolished trapezoidal
walls to improve the paste release. Because not enough space is
available underneath the part after reflow, it is recommended
that no clean Type 3 paste be used for mounting the LFCSP.
Inert atmosphere is also recommended during reflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com