Electronic Components Datasheet Search
  English  ▼

X  

AD8155 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8155
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8155 Datasheet HTML 19Page - Analog Devices AD8155 Datasheet HTML 20Page - Analog Devices AD8155 Datasheet HTML 21Page - Analog Devices AD8155 Datasheet HTML 22Page - Analog Devices AD8155 Datasheet HTML 23Page - Analog Devices AD8155 Datasheet HTML 24Page - Analog Devices AD8155 Datasheet HTML 25Page - Analog Devices AD8155 Datasheet HTML 26Page - Analog Devices AD8155 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Data Sheet
AD8155
Rev. A | Page 23 of 35
Power Saving Considerations
Whereas the AD8155 power consumption is very low
compared to similar devices, careful control of its operating
conditions can yield further power savings. Significant power
reduction can be realized by operating the part at a lower voltage.
Compared to 3.3 V operation, a supply voltage of 1.8 V can
result in power savings of ~45%. There is no performance
penalty when operating at lower voltage. An initialization
sequence is required to enable the AD8155 in a low power
mode (see the Applications Information section).
A second measure is to disable transmitters when they are not
being used. This can be done on a static basis if the output is
not used or on a dynamic basis if the output does not have a
constant stream of traffic. On transmit disable (Register 0x48,
Register 0x88, Register 0xC8), both the predriver and output
switch currents are disabled. The LOS-activated squelch disables
only the output switch current, ITOT. Superior power saving is
achieved by using the TX and RX disable registers to turn off an
unused lane as opposed to relying on the AD8155 transmit
squelch feature.
Because the majority of the power dissipated is in the output stage,
some of its flexibility can be used to lower the power consumption.
First, the output current and output preemphasis settings can
be programmed to the smallest amount required to maintain
BER performance. If an output circuit always has a short length
and the receiver has good sensitivity, then a lower output
current can be used.
It is also possible to lower the voltage on VTTO to lower the
power dissipation. The amount that VTTO can be lowered is
dependent on the lowest of all the output’s VOL and VCC. This
is determined by the output that is operating at the highest
programmed output current. Table 1 and Table 19 list
minimum output levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com