Electronic Components Datasheet Search
  English  ▼

X  

AD8155 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8155
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8155 Datasheet HTML 15Page - Analog Devices AD8155 Datasheet HTML 16Page - Analog Devices AD8155 Datasheet HTML 17Page - Analog Devices AD8155 Datasheet HTML 18Page - Analog Devices AD8155 Datasheet HTML 19Page - Analog Devices AD8155 Datasheet HTML 20Page - Analog Devices AD8155 Datasheet HTML 21Page - Analog Devices AD8155 Datasheet HTML 22Page - Analog Devices AD8155 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Data Sheet
AD8155
Rev. A | Page 19 of 35
Lane Disables
By default, the receivers and transmitters enable in an on-demand
fashion according to the state of the SEL[1:0], LB_[A:C], and
BICAST pins or to the state of the equivalent registers in serial
control mode. Register 0x40, Register 0x80, and Register 0xC0
implement per-lane disables for the receivers, and Register 0x48,
Register 0x88, and Register 0xC8 implement per-lane transmit-
ter disables. These disables override the default settings. Each
bit in the register is named for the lane and function it disables.
For example, RXDIS B0 disables the receiver on Lane 0 of Port B
whereas TXDIS C1 disables the Lane 1 transmitter of Port C
(see Table 11).
Lane Inversion: P/N Swap
The receiver P/N swap function is a convenience intended to
allow the user to implement the equivalent of a board-level
routing crossover in a much smaller area while eliminating vias
(impedance discontinuities) that compromise the high frequency
integrity of the signal path. Using this feature to correct an
inversion downstream of the receiver may require the user to
be aware of the sign of the data when switching connectivity
(the mux/demux path). The feature is available on a per-lane
setting through Register 0x44, Register 0x84, and Register
0xC4. Setting the bit true flips the sign sense of the P and N
inputs for the associated lane. The default setting is 0 (no
inversion).
Table 11. Per-Lane Disables
Address
Port
Default
Register Name
Bit
Bit Name
Functionality Description
0x40
Port A
0x00
RX[A/B/C] disable
7:4
Reserved
Set to 0
0x80
Port B
0x00
3:2
Reserved
0xC0
Port C
0x00
1
RXDIS [A/B/C]1
0: RX Port [A/B/C], Lane 1, enabled
1: RX Port [A/B/C], Lane 1, disabled
0
RXDIS [A/B/C]0
0: RX Port [A/B/C], Lane 0, enabled
1: RX Port [A/B/C], Lane 0, disabled
0x48
Port A
0x00
TX[A/B/C] disable
7:4
Reserved
Set to 0
0x88
Port B
0x00
3:2
Reserved
0xC8
Port C
0x00
1
TXDIS [A/B/C]1
0: TX Port [A/B/C], Lane 1, enabled
1: TX Port [A/B/C], Lane 1, disabled
0
TXDIS [A/B/C]0
0: TX Port [A/B/C], Lane 0, enabled
1: TX Port [A/B/C], Lane 0, disabled
Table 12. Lane Inversion
Address
Port
Default
Register Name
Bit
Bit Name
Functionality Description
0x44
Port A
0x00
RX[A/B/C] P/N swap
7:2
Reserved
Set to 0
0x84
Port B
0x00
1
PN[A/B/C]1
0: Lane 1, noninverted
1: Lane 1, inverted
0xC4
Port C
0x00
0
PN[A/B/C]0
0: Lane 0, noninverted
1: Lane 0, inverted
Table 13. Port-Level EQ Setting
Address
Port
Default
Register Name
Bit
Bit Name
Functionality Description
0x41
Port A
0x00
RX[A/B/C] EQ setting
7:4
Reserved
Set to 0
0x81
Port B
0x00
3:0
[A/B/C]EQ[3:0]
0xC1
Port C
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com