Electronic Components Datasheet Search
  English  ▼

X  

TDA3604TH Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA3604TH
Description  Multiple voltage regulators with external reset delay and switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3604TH Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3604TH Datasheet HTML 7Page - NXP Semiconductors TDA3604TH Datasheet HTML 8Page - NXP Semiconductors TDA3604TH Datasheet HTML 9Page - NXP Semiconductors TDA3604TH Datasheet HTML 10Page - NXP Semiconductors TDA3604TH Datasheet HTML 11Page - NXP Semiconductors TDA3604TH Datasheet HTML 12Page - NXP Semiconductors TDA3604TH Datasheet HTML 13Page - NXP Semiconductors TDA3604TH Datasheet HTML 14Page - NXP Semiconductors TDA3604TH Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Aug 21
11
Philips Semiconductors
Product specification
Multiple voltage regulators with external
reset delay and switch
TDA3604Q; TDA3604TH
Notes to the characteristics
1. Minimum operating voltage, only if VP has exceeded 6.5 V.
2. Enable inputs of regulator 1, ignition and power switch are low. Regulator 2 is unloaded.
3. Voltage drop due to load condition.
4. The spread on tracking is one sigma value.
5. Ignition output voltage will be less than or equal to the output voltage of regulator 2.
6. IREG1 = 5 mA unless otherwise specified.
7. The drop-out voltage of regulator 1 is measured between VP and VREG1.
8. At current limit, IREGm is held constant (see Fig.5).
9. The foldback current protection limits the dissipated power at short-circuit (see Figs 5 and 6).
10. The cross talk of regulator 1 is measured with an IREG2 = 0.5 mA up to 30 mA and input frequency of fi = 100 kHz.
11. IREG2 = 5 mA unless otherwise specified.
12. The drop-out voltage of regulator 2 is measured between VP and VREG2.
13. The cross talk of regulator 2 is measured with an IREG1 = 0.5 mA up to 100 mA and input frequency of fi = 100 kHz.
14. The drop-out voltage of the power switch is measured between VI(sw) and VO(sw).
15. The delay time depends on the value of the capacitor: t
d
C
I
----
V
thrC
×
C
2.5
×
10
6
×
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com