Electronic Components Datasheet Search
  English  ▼

X  

TDA3604TH Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA3604TH
Description  Multiple voltage regulators with external reset delay and switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3604TH Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA3604TH Datasheet HTML 12Page - NXP Semiconductors TDA3604TH Datasheet HTML 13Page - NXP Semiconductors TDA3604TH Datasheet HTML 14Page - NXP Semiconductors TDA3604TH Datasheet HTML 15Page - NXP Semiconductors TDA3604TH Datasheet HTML 16Page - NXP Semiconductors TDA3604TH Datasheet HTML 17Page - NXP Semiconductors TDA3604TH Datasheet HTML 18Page - NXP Semiconductors TDA3604TH Datasheet HTML 19Page - NXP Semiconductors TDA3604TH Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
1997 Aug 21
16
Philips Semiconductors
Product specification
Multiple voltage regulators with external
reset delay and switch
TDA3604Q; TDA3604TH
UNIT
A4
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
96-11-18
IEC
JEDEC
EIAJ
mm
+0.13
−0.04
3.4
0.35
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT418-2
0
5
10 mm
scale
HSOP20: plastic heat-dissipating small outline package; 20 leads; low stand-off
SOT418-2
A
max.
detail X
A2
3.4
3.1
D2
1.1
0.9
HE
14.5
13.9
Lp
1.1
0.8
Q
1.7
1.5
2.5
2.0
v
0.25
w
0.25
yZ
8
°
0
°
θ
0.07
x
0.03
D1
13.0
12.6
E1
6.2
5.8
E2
2.9
2.5
bp
c
0.32
0.23
e
1.27
D(1)
16.0
15.8
E(1)
11.1
10.9
0.53
0.40
A3
A4
A2
(A3)
Lp
θ
A
Q
D
y
x
HE
E
c
v M A
X
A
bp
w M
Z
D1
D2
E2 E1
e
20
11
1
10
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com