Electronic Components Datasheet Search
  English  ▼

X  

TDA3604TH Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA3604TH
Description  Multiple voltage regulators with external reset delay and switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3604TH Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA3604TH Datasheet HTML 10Page - NXP Semiconductors TDA3604TH Datasheet HTML 11Page - NXP Semiconductors TDA3604TH Datasheet HTML 12Page - NXP Semiconductors TDA3604TH Datasheet HTML 13Page - NXP Semiconductors TDA3604TH Datasheet HTML 14Page - NXP Semiconductors TDA3604TH Datasheet HTML 15Page - NXP Semiconductors TDA3604TH Datasheet HTML 16Page - NXP Semiconductors TDA3604TH Datasheet HTML 17Page - NXP Semiconductors TDA3604TH Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1997 Aug 21
14
Philips Semiconductors
Product specification
Multiple voltage regulators with external
reset delay and switch
TDA3604Q; TDA3604TH
SHORT CIRCUIT BEHAVIOUR OF POWER SWITCH
The short circuit behaviour of the switch with large
inductive loads (switch output goes out of the radio) can be
improved by replacing C2 (see Fig.7) by a larger
electrolytic capacitor of 10
µF/16 V. When the temperature
protection of the switch becomes active, due to a short
circuit of the switch, the behaviour will be improved.
When the switch is clamped an minimum output capacitor
of 10
µF is needed.
The power switch is not protected against ‘loss of ground’
condition (= short of the switch to ground with floating
ground pin of the TDA3604 itself). A ‘loss of ground’
situation can in practice only occur when the switch output
goes outside the car-radio box.
There is an application solution to protect against ‘loss of
ground’ (see Fig.8).
It is advisable to limit the dissipation at short circuit
condition by monitoring the output of the power switch.
The microprocessor can switch of the power switch when
the switch was enabled and the switch output remains low
due to a short circuit condition.
Fig.8 ‘Loss of ground’ protection.
handbook, full pagewidth
MGL209
Vbat (+)
Vbat (−)
Vbat (−)
TDA3604Q
VI(sw), VP
2, 3
10
GND
VO(sw)
D1
D2
C1
D3
switch output
13
short circuit
to Vbat (−)
radio disconnected
from Vbat (−)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com