Electronic Components Datasheet Search
  English  ▼

X  

TPL710 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TPL710
Description  200 mA output, 1 µA Ultra-Low Quiescent Current LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPL710 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TPL710 Datasheet HTML 5Page - 3PEAK INC. TPL710 Datasheet HTML 6Page - 3PEAK INC. TPL710 Datasheet HTML 7Page - 3PEAK INC. TPL710 Datasheet HTML 8Page - 3PEAK INC. TPL710 Datasheet HTML 9Page - 3PEAK INC. TPL710 Datasheet HTML 10Page - 3PEAK INC. TPL710 Datasheet HTML 11Page - 3PEAK INC. TPL710 Datasheet HTML 12Page - 3PEAK INC. TPL710 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.3peak.com
Rev.A.6
9 / 21
TPL710 Series
200 mA output,
1 µA Ultra-Low Quiescent Current LDO
Typical Performance Characteristics
All test conditions: VIN = VOUT(NOM) + 1 V or 2.4 V, whichever is greater; COUT = 2.2 µF, TA = +25°C, unless
otherwise noted.
VOUT = 3.3 V
Figure 1. Ground Current vs Output Current
VOUT = 3.3 V
Figure 2. Quiescent Current vs Input Voltage
With Enable Pin
Figure 3. Shutdown Current vs Ambient Temperature
VOUT = 3.3 V
Figure 4. Dropout Voltage vs Output Current
VOUT = 3.3 V
Figure 5. Output Accuracy vs Ambient Temperature
VOUT = 3.3 V
Figure 6. Output Voltage vs Input Voltage
0
100
200
300
400
500
0
50
100
150
200
Load Current (mA)
–40°C
25°C
85°C
0
1
2
3
4
5
3
4
5
6
Supply Voltage (V)
–
40°C
25°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-15
10
35
60
85
Temperature(
℃)
VIN = 2.1V
VIN = 2.5V
VIN = 3V
VIN = 3.3V
VIN = 5V
VIN = 5.5V
VIN = 6V
0.00
0.05
0.10
0.15
0.20
0.25
0
50
100
150
200
Load Current (mA)
–40°C
25°C
85°C
3.2
3.25
3.3
3.35
3.4
-40 -25 -10 5
20 35 50 65 80 95 110 125
Ambient Temperature (
°C)
0.0
1.0
2.0
3.0
4.0
0
1
2
3
4
5
6
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com