Electronic Components Datasheet Search
  English  ▼

X  

TPL710 Datasheet(PDF) 13 Page - 3PEAK INC.

Part # TPL710
Description  200 mA output, 1 µA Ultra-Low Quiescent Current LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPL710 Datasheet(HTML) 13 Page - 3PEAK INC.

Back Button TPL710 Datasheet HTML 9Page - 3PEAK INC. TPL710 Datasheet HTML 10Page - 3PEAK INC. TPL710 Datasheet HTML 11Page - 3PEAK INC. TPL710 Datasheet HTML 12Page - 3PEAK INC. TPL710 Datasheet HTML 13Page - 3PEAK INC. TPL710 Datasheet HTML 14Page - 3PEAK INC. TPL710 Datasheet HTML 15Page - 3PEAK INC. TPL710 Datasheet HTML 16Page - 3PEAK INC. TPL710 Datasheet HTML 17Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.3peak.com
Rev.A.6
13 / 21
TPL710 Series
200 mA output,
1 µA Ultra-Low Quiescent Current LDO
Application and Implementation
Application Information
The TPL710 devices are a series of 200 mA high PSRR, low-dropout linear regulator with low quiescent current.
The following application schematic shows a typical usage of the TPL710 series.
Typical Application
Figure 11 shows the typical application schematic of the TPL710 series.
VIN
VOUT
EN
(1)
GND
Input
Off On
TPL710
Series
COUT
Output
CIN
(1) EN pin is only available in the 4-/5-pin package
Figure 11. TPL710 Series Application Schematic
Input Capacitor and Output Capacitor
3PEAK recommends adding a 1 μF or greater capacitor with a 0.1 μF bypass capacitor in parallel at IN pin to
keep the input voltage stable. The voltage rating of the capacitors must be greater than the maximum input
voltage.
To ensure loop stability, the TPL710 series requires an output capacitor with a minimum effective capacitance
value of 1 μF. 3PEAK recommends selecting an X5R- or X7R-type 2.2 μF or larger ceramic capacitor with low
ESR over temperature.
Both input capacitors and output capacitors must be placed as close to the device pins as possible.
Power Dissipation
During normal operation, LDO junction temperature should not exceed 125°C. Using the below equations to
calculate the power dissipation and estimate the junction temperature.
The power dissipation can be calculated using Equation 1.
(
)
D
IN
OUT
OUT
IN
GND
P
V
V
I
V
I
=
−
+
(1)
The junction temperature can be estimated using Equation 2. θJA is the junction-to-ambient thermal resistance
(See Section Thermal Information).
J
A
D
JA
T
T
P
=
+ 
(2)
NOTE
Information in the following applications sections is not part of the 3PEAK’s component specification and
3PEAK does not warrant its accuracy or completeness. 3PEAK’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design implementation
to confirm system functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com