Electronic Components Datasheet Search
  English  ▼

X  

TPL710 Datasheet(PDF) 19 Page - 3PEAK INC.

Part # TPL710
Description  200 mA output, 1 µA Ultra-Low Quiescent Current LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPL710 Datasheet(HTML) 19 Page - 3PEAK INC.

Back Button TPL710 Datasheet HTML 13Page - 3PEAK INC. TPL710 Datasheet HTML 14Page - 3PEAK INC. TPL710 Datasheet HTML 15Page - 3PEAK INC. TPL710 Datasheet HTML 16Page - 3PEAK INC. TPL710 Datasheet HTML 17Page - 3PEAK INC. TPL710 Datasheet HTML 18Page - 3PEAK INC. TPL710 Datasheet HTML 19Page - 3PEAK INC. TPL710 Datasheet HTML 20Page - 3PEAK INC. TPL710 Datasheet HTML 21Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
www.3peak.com
Rev.A.6
19 / 21
TPL710 Series
200 mA output, 1 µA Ultra-Low Quiescent Current LDO
Order Information
Order Number
Junction Temperature
Range
Package
Marking
Information
MSL
Transport Media,
Quantity
Eco Plan
TPL710F10-3TR
−40 to 125°C
SOT23-3
L3C
MSL3
Tape and Reel, 3,000
Green
TPL710F12-3TR
−40 to 125°C
SOT23-3
L3D
MSL3
Tape and Reel, 3,000
Green
TPL710F15-3TR (1)
−40 to 125°C
SOT23-3
L3E
MSL3
Tape and Reel, 3,000
Green
TPL710F18-3TR
−40 to 125°C
SOT23-3
L3F
MSL3
Tape and Reel, 3,000
Green
TPL710F25-3TR
−40 to 125°C
SOT23-3
L3G
MSL3
Tape and Reel, 3,000
Green
TPL710F28-3TR
−40 to 125°C
SOT23-3
L3H
MSL3
Tape and Reel, 3,000
Green
TPL710F30-3TR
−40 to 125°C
SOT23-3
L3I
MSL3
Tape and Reel, 3,000
Green
TPL710F33-3TR
−40 to 125°C
SOT23-3
L3J
MSL3
Tape and Reel, 3,000
Green
TPL710F36-3TR (1)
−40 to 125°C
SOT23-3
L3K
MSL3
Tape and Reel, 3,000
Green
TPL710F10-5TR
−40 to 125°C
SOT23-5
L3C
MSL3
Tape and Reel, 3,000
Green
TPL710F12-5TR
−40 to 125°C
SOT23-5
L3D
MSL3
Tape and Reel, 3,000
Green
TPL710F15-5TR
−40 to 125°C
SOT23-5
L3E
MSL3
Tape and Reel, 3,000
Green
TPL710F18-5TR
−40 to 125°C
SOT23-5
L3F
MSL3
Tape and Reel, 3,000
Green
TPL710F25-5TR
−40 to 125°C
SOT23-5
L3G
MSL3
Tape and Reel, 3,000
Green
TPL710F28-5TR
−40 to 125°C
SOT23-5
L3H
MSL3
Tape and Reel, 3,000
Green
TPL710F30-5TR
−40 to 125°C
SOT23-5
L3I
MSL3
Tape and Reel, 3,000
Green
TPL710F33-5TR
−40 to 125°C
SOT23-5
L3J
MSL3
Tape and Reel, 3,000
Green
TPL710F36-5TR (1)
−40 to 125°C
SOT23-5
L3K
MSL3
Tape and Reel, 3,000
Green
(1) Future product, contact 3PEAK factory for more information and sample.
(2) Green: 3PEAK defines "Green" to mean RoHS compatible and free of halogen substances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com