Electronic Components Datasheet Search
  English  ▼

X  

LT3083 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3083
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3083 Datasheet HTML 12Page - Analog Devices LT3083 Datasheet HTML 13Page - Analog Devices LT3083 Datasheet HTML 14Page - Analog Devices LT3083 Datasheet HTML 15Page - Analog Devices LT3083 Datasheet HTML 16Page - Analog Devices LT3083 Datasheet HTML 17Page - Analog Devices LT3083 Datasheet HTML 18Page - Analog Devices LT3083 Datasheet HTML 19Page - Analog Devices LT3083 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
16 of 38
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C, unless noted otherwise.
Figure 22. BIAS Pin Current in Dropout
Figure 23. BIAS Pin Current in Dropout
Figure 24. BIAS Pin UVLO Threshold
Figure 25. VIN Pin UVLO Threshold
Figure 26. EN Pin Threshold
Figure 27. EN Pin Current
ILOAD = 100mA
VIN = VOUT(NOMINAL) = 0.5V
VIN = VOUT(NOMINAL) = 1.2V
VIN = VOUT(NOMINAL) = 3.3V
BIAS VOLTAGE (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
5
10
15
20
25
30
35
40
VIN = VOUT(NOMINAL) = 0.5V
ILOAD = 50mA
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
5
10
15
20
25
30
35
40
45
50
VBIAS RISING
VBIAS FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
EN RISING
EN FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
+25°C
–40°C
+125°C
VBIAS = 5.5V
EN PIN VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VIN RISING
VIN FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0.38
0.40
0.42
0.44
0.46
0.48
0.50
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com