Electronic Components Datasheet Search
  English  ▼

X  

LT3083 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3083
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3083 Datasheet HTML 14Page - Analog Devices LT3083 Datasheet HTML 15Page - Analog Devices LT3083 Datasheet HTML 16Page - Analog Devices LT3083 Datasheet HTML 17Page - Analog Devices LT3083 Datasheet HTML 18Page - Analog Devices LT3083 Datasheet HTML 19Page - Analog Devices LT3083 Datasheet HTML 20Page - Analog Devices LT3083 Datasheet HTML 21Page - Analog Devices LT3083 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
18 of 38
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C, unless noted otherwise.
Figure 34. External Current Limit (3A)
Figure 35. External Current Limit (1A)
Figure 36. Internal Current Limit
Figure 37. Load Regulation
Figure 38. VIN Line Regulation
Figure 39. VBIAS Line Regulation
VIN = 1.3V
VOUT = 0V
RILIM = 1kΩ
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
3.20
VIN = 1.3V
VOUT = 0V
RILIM = 3kΩ
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
4.10
4.25
4.40
4.55
4.70
4.85
5.00
5.15
5.30
5.45
5.60
TEMPERATURE (°C)
0.2
VIN = VOUT + 200mV
VOUT = 0.5V, VBIAS = 2.375V, ΔIOUT = 50mA TO 3A
VOUT = 1.2V, VBIAS = 2.4V, ΔIOUT = 10mA TO 3A
VOUT = 3.3V, VBIAS = 4.5V, ΔIOUT = 10mA TO 3A
VOUT = 4.2V, VBIAS = 5.5V, ΔIOUT = 10mA TO 3A
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
0
25
–25
50
–50
75
100
125
150
50
25
0
25
50
75
100
125
150
V
= 0.5V, VBIAS = 2.375V, I
= 50mA
VOUT = 4.2V, VBIAS = 5.5V, ILOAD = 10mA
ΔVIN = VOUT + 200mV TO 5.5V
VIN = VOUT + 200mV
VOUT = 0.5V, VBIAS = 2.375V TO 5.5V, ILOAD = 50mA
VOUT = 0.5V, VBIAS = 2.375V TO 5.5V, ILOAD = 50mA
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com