Electronic Components Datasheet Search
  English  ▼

X  

LT3083 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3083
Description  5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3083 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3083 Datasheet HTML 13Page - Analog Devices LT3083 Datasheet HTML 14Page - Analog Devices LT3083 Datasheet HTML 15Page - Analog Devices LT3083 Datasheet HTML 16Page - Analog Devices LT3083 Datasheet HTML 17Page - Analog Devices LT3083 Datasheet HTML 18Page - Analog Devices LT3083 Datasheet HTML 19Page - Analog Devices LT3083 Datasheet HTML 20Page - Analog Devices LT3083 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Data Sheet
LT3077
analog.com
Rev. 0
17 of 38
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C, unless noted otherwise.
Figure 28. V00, V01, V02 Pin Threshold
Figure 29. V00, V01, V02 Pin Hysteresis
Figure 30. Power Good Threshold
Figure 31. PG Pin Low Voltage
Figure 32. PG Pin Leakage Current
Figure 33. External Current Limit (3.75A)
LOGIC Hi-Z TO LOGIC LOW
LOGIC LOW TO LOGIC Hi-Z
LOGIC Hi-Z TO LOGIC HIGH
LOGIC HIGH TO LOGIC Hi-Z
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
LOGIC Hi-Z TO LOGIC HIGH TRANSITION
LOGIC LOW TO LOGIC Hi-Z TRANSITION
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
20
40
60
80
100
120
140
160
180
200
VOUT RISING
VOUT FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
88
89
90
91
92
93
94
95
VIN = 0.7V
VOUT = 0.5V
ILOAD = 100mA
IPG = 200µA
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
90
100
VIN = 0.7V
VOUT = 0.5V
ILOAD = 100mA
VPG = VBIAS = 2.375V
VPG = VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
–20
0
20
40
60
80
100
120
140
160
180
VIN = 1.3V
VOUT = 0V
RILIM = 800Ω
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
3.60
3.65
3.70
3.75
3.80
3.85
3.90
A N A L O G D E V I C E S
C O N F I D E N T I A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com