Electronic Components Datasheet Search
  English  ▼

X  

LTC6930 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6930
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 1 Page - Analog Devices

  LTC6930 Datasheet HTML 1Page - Analog Devices LTC6930 Datasheet HTML 2Page - Analog Devices LTC6930 Datasheet HTML 3Page - Analog Devices LTC6930 Datasheet HTML 4Page - Analog Devices LTC6930 Datasheet HTML 5Page - Analog Devices LTC6930 Datasheet HTML 6Page - Analog Devices LTC6930 Datasheet HTML 7Page - Analog Devices LTC6930 Datasheet HTML 8Page - Analog Devices LTC6930 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC6991
1
Rev. D
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
TimerBlox: Resettable, Low
Frequency Oscillator
The LTC®6991 is a silicon oscillator with a program-
mable period range of 1.024ms to 9.54 hours (29.1µHz
to 977Hz), specifically intended for long duration timing
events. The LTC6991 is part of the TimerBlox® family of
versatile silicon timing devices.
A single resistor, RSET, programs the LTC6991’s inter-
nal master oscillator frequency. The output clock period
is determined by this master oscillator and an internal
frequency divider, NDIV, programmable to eight settings
from 1 to 221.
tOUT =
NDIV •RSET
50kΩ
• 1.024ms, NDIV = 1,8,64,...,221
In normal operation, the LTC6991 oscillates with a 50%
duty cycle. A reset function is provided to truncate the
pulse (reducing the duty cycle). The reset pin can also be
used to prevent the output from oscillating.
The RST and OUT pins can be configured for active-low
or active-high operation using a polarity function.
POL BIT
RST PIN
OUTPUT STATE
0
0
Oscillating
0
1
0 (reset)
1
0
1 (reset)
1
1
Oscillating
For easy configuration of the LTC6991, use the LTC6991:
Low Frequency Oscillator Web-Based Design Tool.
APPLICATIONS
n
Period Range: 1ms to 9.5 Hours
n
Configured with 1 to 3 Resistors
n
<1.5% Maximum Frequency Error
n
Output Reset Function
n
2.25V to 5.5V Single Supply Operation
n
55µA to 80µA Supply Current
n
(2ms to 9.5hr Clock Period)
n
500µs Start-Up Time
n
CMOS Output Driver Sources/Sinks 20mA
n
–55°C to 125°C Operating Temperature Range
n
Available in Low Profile (1mm) SOT-23 (ThinSOT™)
and 2mm × 3mm DFN Packages
n
AEC-Q100 Qualified for Automotive Applications
n
“Heartbeat” Timers
n
Watchdog Timers
n
Intervalometers
n
Periodic “Wake-Up” Call
n
High Vibration, High Acceleration Environments
n
Portable and Battery-Powered Equipment
All registered trademarks and trademarks are the property of their respective owners.
Low Frequency Pulse Generator
Clock Period Range over Eight Divider Settings
DIV PIN VOLTAGE, VDIV (V)
0
10Sec
10Min
2.5
6991 TA01b
100ms
1ms
0.625
1.25
1.875
10Hr
1Sec
1Min
10ms
1Hr
LTC6991
5V
0.1µF
OUT
R1
1M
R2
392k
RSET
715k
RST
GND
SET
OUT
V+
DIV
CPW
470pF
RPW
2.26k
6991 TA01a
60 SECONDS
1µs PULSE WIDTH
tPULSE ≈ RPW • CPW ≈ 1µs


Similar Part No. - LTC6930

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6930 LINER-LTC6930 Datasheet
178Kb / 12P
32.768kHz to 8.192MHz Precision 關Power Oscillators
LTC6930 LINER-LTC6930 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6930 AD-LTC6930 Datasheet
1Mb / 34P
Voltage-Controlled Pulse Width Modulator (PWM)
11/19-REV.D
LTC6930 AD-LTC6930 Datasheet
755Kb / 28P
TimerBlox: Delay Block/ Debouncer
11/19-REV.C
LTC6930 AD-LTC6930 Datasheet
982Kb / 30P
TimerBlox: Voltage Controlled Silicon Oscillator
Rev. D
More results

Similar Description - LTC6930

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
LTC6993-1 LINER-LTC6993-1 Datasheet
398Kb / 24P
TimerBlox: Monostable
LTC6990 LINER-LTC6990_10 Datasheet
316Kb / 28P
TimerBlox: Voltage Controlled Silicon Oscillator
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
TimerBlox Long Timer, Low Frequency Oscillator
LTC6991 LINER-LTC6991_15 Datasheet
273Kb / 24P
Resettable, Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com