Electronic Components Datasheet Search
  English  ▼

X  

LTC6930 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6930
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6930 Datasheet HTML 16Page - Analog Devices LTC6930 Datasheet HTML 17Page - Analog Devices LTC6930 Datasheet HTML 18Page - Analog Devices LTC6930 Datasheet HTML 19Page - Analog Devices LTC6930 Datasheet HTML 20Page - Analog Devices LTC6930 Datasheet HTML 21Page - Analog Devices LTC6930 Datasheet HTML 22Page - Analog Devices LTC6930 Datasheet HTML 23Page - Analog Devices LTC6930 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC6991
20
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
Isolated AC Load Flasher
LTC6991
GND
SET
RSET
237k
V+
0.1µF
5V
5V
RST
5
2
10 SECONDS ON/OFF
6
6
4
2
1
4
3
1
OUT
DIV
R3
10k
OPEN = OFF
GND = ON
R2
392k
R5
5.94k
U3
NTE5642
ISOLATION BARRIER = 7500V
HOT
117V AC
NEUTRAL
AC
R6
10k
R4
215
R1
1M
C2
0.022µF
ZERO
CROSSING
U2
MOC3041M
R7
100
40W LAMP
6991 TA05
Interval (Wiper) Timer
LTC6991
0.1µF
2s
2s
5s
5s
15s
30s
1m
2m
4m
4m
OFF
66.5k
280k
182k
182k
18.2k
1M
V+
RST
GND
SET
OUT
V+
DIV
LTC6993-1
0.1µF
OUTPUT
1M
tINTERVAL
2 SECONDS TO
4 MINUTES
V+
2s
TRIG
GND
SET
OUT
V+
DIV
681k
6991 TA06
383k
2s
2s
5s
15s
30s
5V
1m
2m
4m OFF
V+
15s
30s
1m
2m
OFF
280k
113k
133k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com