Electronic Components Datasheet Search
  English  ▼

X  

LTC6930 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC6930
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC6930 Datasheet HTML 12Page - Analog Devices LTC6930 Datasheet HTML 13Page - Analog Devices LTC6930 Datasheet HTML 14Page - Analog Devices LTC6930 Datasheet HTML 15Page - Analog Devices LTC6930 Datasheet HTML 16Page - Analog Devices LTC6930 Datasheet HTML 17Page - Analog Devices LTC6930 Datasheet HTML 18Page - Analog Devices LTC6930 Datasheet HTML 19Page - Analog Devices LTC6930 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC6991
16
Rev. D
For more information www.analog.com
Self-Resetting Circuits
The RST pin has hysteresis to accommodate slow-
changing input voltages. Furthermore, the trip points
are proportional to the supply voltage (see Note 6 and
the RST Threshold Voltage vs Supply Voltage curve in
Typical Performance Characteristics). This allows an RC
time constant at the RST input to generate a delay that is
nearly independent of the supply voltage.
A simple application of this technique allows the LTC6991
output to reset itself, producing a well-controlled pulse
once each cycle. Figure 13a and Figure 13b show circuits
that produce approximately 1µs pulses once a minute.
The only difference is in the POL bit setting, which con-
trols whether the pulse is positive or negative.
APPLICATIONS INFORMATION
LTC6991
2.25V TO 5.5V
0.1µF
6991 F13b
OUT
R1
392k
R2
1M
60 SECONDS
0.9µs PULSE WIDTH
VRST(FALLING)
V+
tPULSE = –RPW • CPW • In
tPULSE ≈ –2.26k • 470pF • In(0.43)
tPULSE ≈ 0.9µs
RSET
715k
RST
GND
SET
OUT
V+
DIV
CPW
470pF
RPW
2.26k
(
)
6991 F14
LTC6991
RST
GND
SET
OUT
V+
DIV
R1
C1
0.1µF
R2
RSET
RVCO
VCTRL
V+
(a) Self-Resetting Circuit (DIVCODE = 4)
Figure 13b. Self-Resetting Circuit (DIVCODE = 11)
Figure 13.
Figure 14. Voltage-Controlled Oscillator
LTC6991
2.25V TO 5.5V
0.1µF
OUT
R1
1M
R2
392k
RSET
715k
RST
GND
SET
OUT
V+
DIV
CPW
470pF
RPW
2.26k
6991 F13a
60 SECONDS
1µs PULSE WIDTH
VRST(RISING)
V+
tPULSE = –RPW • CPW • In
tPULSE ≈ –2.26k • 470pF • In(1 – 0.61)
tPULSE ≈ 1µs
1–
(
)
Voltage Controlled Frequency
With one additional resistor, the LTC6991 output frequency
can be manipulated by an external voltage. As shown in
Figure 14, voltage VCTRL sources/sinks a current through
RVCO to vary the ISET current, which in turn modulates the
output frequency as described in Equation (3).
fOUT =
1MHz • 50kΩ
1024 • NDIV • RVCO
• 1+
RVCO
RSET
−
VCTRL
VSET
⎛
⎝
⎜
⎞
⎠
⎟ (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com