Electronic Components Datasheet Search
  English  ▼

X  

TDA3827 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3827
Description  TV-sound demodulator circuit with SCART switches and AF control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3827 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3827 Datasheet HTML 4Page - NXP Semiconductors TDA3827 Datasheet HTML 5Page - NXP Semiconductors TDA3827 Datasheet HTML 6Page - NXP Semiconductors TDA3827 Datasheet HTML 7Page - NXP Semiconductors TDA3827 Datasheet HTML 8Page - NXP Semiconductors TDA3827 Datasheet HTML 9Page - NXP Semiconductors TDA3827 Datasheet HTML 10Page - NXP Semiconductors TDA3827 Datasheet HTML 11Page - NXP Semiconductors TDA3827 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
March 1991
8
Philips Semiconductors
Preliminary specification
TV-sound demodulator circuit with SCART
switches and AF control
TDA3827
SCART switch control (see Fig.6)
V11
voltage for internal active
0
−
4/5 VP −3V
I11
current
0
−−100
µA
V11
voltage for SCART active
4/5 VP −1
−
13.2
V
I11
current
−
700
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
11
1.4
–
20.000
-----------------------
Fig.4 Test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com