Electronic Components Datasheet Search
  English  ▼

X  

TDA3827 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3827
Description  TV-sound demodulator circuit with SCART switches and AF control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3827 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3827 Datasheet HTML 1Page - NXP Semiconductors TDA3827 Datasheet HTML 2Page - NXP Semiconductors TDA3827 Datasheet HTML 3Page - NXP Semiconductors TDA3827 Datasheet HTML 4Page - NXP Semiconductors TDA3827 Datasheet HTML 5Page - NXP Semiconductors TDA3827 Datasheet HTML 6Page - NXP Semiconductors TDA3827 Datasheet HTML 7Page - NXP Semiconductors TDA3827 Datasheet HTML 8Page - NXP Semiconductors TDA3827 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
March 1991
4
Philips Semiconductors
Preliminary specification
TV-sound demodulator circuit with SCART
switches and AF control
TDA3827
PIN CONFIGURATION
Fig.2 Pin configuration.
PINNING
SYMBOL
PIN
DESCRIPTION
GND
1
ground
VFB1
2
limiter amplifier feedback
VIF
3
FM IF input signal
VFB2
4
limiter amplifier feedback
VO AF1
5
AF output signal
VINT AF
6
internal AF input signal
VEXT AF
7
external AF input signal
VSEL1
8
selection voltage for internal /
external AF input and mute
V90°
9
quadrature demodulator tuned
circuit reference
V90°
10
VSEL2
11
selection voltage for internal /
external or SCART audio
VF
12
source selector feedback
VO AF2
13
output signal to SCART
VREF
14
reference voltage
VSC AF
15
input signal from SCART
VDC
16
DC volume control voltage
VO AF3
17
AF output signal from volume control
VP
18
supply voltage
Fig.3 Internal circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com