Electronic Components Datasheet Search
  English  ▼

X  

TDA3827 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3827
Description  TV-sound demodulator circuit with SCART switches and AF control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3827 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3827 Datasheet HTML 1Page - NXP Semiconductors TDA3827 Datasheet HTML 2Page - NXP Semiconductors TDA3827 Datasheet HTML 3Page - NXP Semiconductors TDA3827 Datasheet HTML 4Page - NXP Semiconductors TDA3827 Datasheet HTML 5Page - NXP Semiconductors TDA3827 Datasheet HTML 6Page - NXP Semiconductors TDA3827 Datasheet HTML 7Page - NXP Semiconductors TDA3827 Datasheet HTML 8Page - NXP Semiconductors TDA3827 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
March 1991
2
Philips Semiconductors
Preliminary specification
TV-sound demodulator circuit with
SCART switches and AF control
TDA3827
FEATURES
• Wide supply voltage range from
4.5 V to 13.2 V
• Wide frequency range from 4 to
12 MHz
• High ripple rejection
• High precision and temperature
compensated FM-demodulator
output
• Multiple-input AF operational
amplifiers with offset compensation
• SCART AF input / AF output (low
impedance)
• External AF input
• High-level AF output voltage with
low distortion
• External selection of the source
selector AF gain
• Low switching noise between AF
and mute
• Wide volume-control range
GENERAL DESCRIPTION
The TDA3827 contains a single FM
demodulator with SCART switches, a
mute function and volume control.
QUICK REFERENCE DATA
ORDERING AND PACKAGE INFORMATION
Note
1. SOT102-2; 1996 December 13.
SYMBOL
PARAMETER
CONDITIONS MIN.
TYP.
MAX.
UNIT
VP
supply voltage
range (pin 18)
4.5
5.0
13.2
V
IP
supply current
(pin 18)
VP = 5 V
−
26
−
mA
VP = 12 V
−
28
−
mA
(S
+N)/N
signal to weighted
noise
73
78
−
dB
V5(rms)
FM demodulator
output voltage
(RMS value)
∆f = 50 kHz;
fmod = 1 kHz;
QL = 20
450
500
550
mV
V13(rms)
SCART output
signal
(RMS value)
−
1.0
−
V
Gv
volume control
range
80
85
−
dB
V17(rms)
AF output signal
(RMS value)
∆f = 50 kHz;
fmod = 1 kHz;
QL = 20
−
1.0
−
V
THD
total harmonic
distortion (pin 17)
−
0.5
−
%
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA3827
18
DIL
plastic
SOT102(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com