Electronic Components Datasheet Search
  English  ▼

X  

SVT033R5NAT Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SVT033R5NAT
Description  180A, 30V N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT033R5NAT Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SVT033R5NAT Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Silan
Microelectronics
SVT033R5NAT_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.1
http: //www.silan.com.cn
Page 1 of 8
180A, 30V N-CHANNEL MOSFET
DESCRIPTION
The SVT033R5NAT is an N-channel enhancement mode power
MOS field effect transistor which is produced using Silan's LVMOS
technology. The improved process and cell structure have been
especially tailored to minimize on-state resistance, provide superior
switching performance.
This device is widely used in the fields of uninterruptible power
supplies and power management of inverter systems.
FEATURES
180A,30V,RDS(on)(typ.)=2.8m@VGS=10V
Low gate charge
Low Crss
Fast switching
Improved dv/dt capability
1.Gate 2.Drain 3.Source
TO-220HW-3L
1
23
2
3
1
ORDERING INFORMATION
Part No.
Package
Marking
Hazardous Substance Control
Packing Type
SVT033R5NAT
TO-220HW-3L
033R5NAT
Pb free
Tube


Similar Part No. - SVT033R5NAT

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SVT033R5NT SILAN-SVT033R5NT Datasheet
272Kb / 7P
180A, 30V N-CHANNEL MOSFET
Rev.:1.2
SVT033R5NT SILAN-SVT033R5NT Datasheet
272Kb / 7P
180A, 30V N-CHANNEL MOSFET
Rev.:1.2
More results

Similar Description - SVT033R5NAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
logo
Shindengen Electric Mfg...
P180FP4SN SHINDENGEN-P180FP4SN Datasheet
1Mb / 7P
Power MOSFETs 40V, 180A, N-channel
P180FP6SN SHINDENGEN-P180FP6SN Datasheet
1Mb / 7P
Power MOSFETs 60V, 180A, N-channel
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com